전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MMB02070Z3JB0

  • AI
    The **MMB02070Z3JB0** is a specific part number for a high-performance **MELF (Metal Electrode Leadless Face)** resistor manufactured by Vishay Beyschlag. It belongs to the **MMB 0207** series, which is known for its reliability and precision in demanding environments. ### 1. Breakdown of the Part Number The alphanumeric code follows a specific naming convention: | Part Code Segment | Meaning | Details | | :--- | :--- | :--- | | **MMB** | Series Type | Professional MELF Resistor | | **0207** | Case Size | 0207 (approx. 5.8mm length x 2.2mm diameter) | | **0** | Temperature Coefficient | Jumper/Zero Ohm (in this specific configuration) | | **Z** | Resistance Value | Z indicates "Zero" (Jumper) | | **3** | Tolerance | Standard for jumpers | | **JB0** | Packaging | Bulk/Blister Tape & Reel | --- ### 2. Key Technical Specifications The MMB 0207 series is generally defined by the following characteristics: * **Type:** Thin Film MELF Resistor. * **Power Rating:** Typically 1.0W at 70°C (higher than standard 0207 SMD resistors). * **Voltage Rating:** Up to 350V (for resistive versions). * **Operating Temperature:** -55°C to +155°C. * **AEC-Q200 Qualified:** Suitable for automotive applications. --- ### 3. Features and Advantages The MELF construction offers several advantages over standard flat chip (thick film) resistors: 1. **Superior Stability:** The cylindrical design provides better heat dissipation and structural integrity. 2. **Moisture Resistance:** Excellent performance in high-humidity environments. 3. **Pulse Loading:** MELF resistors can handle significantly higher pulse loads compared to same-sized flat chip resistors. 4. **Reliability:** Lower failure rates in applications subject to temperature cycling or vibration. --- ### 4. Common Applications Due to its robustness, the MMB 0207 series is frequently used in: * **Industrial Electronics:** Power supplies, lighting ballasts, and controls. * **Automotive:** Engine control units (ECUs), braking systems, and sensors. * **Telecommunications:** Base stations and infrastructure equipment. * **Measurement:** Precision scales and medical diagnostic tools. --- ### 5. Footprint (Mechanical Data) ```markdown Dimensions: - Length (L): 5.8 mm (+0/-0.15) - Diameter (D): 2.2 mm (+0/-0.2) - Solderable end caps: 0.9 mm approx. ```
    ✨ Follow-up Questions
    • ⤷What is the difference between a MELF resistor and a standard SMD chip resistor?
    • ⤷ How does the power rating of MMB0207 compare to other case sizes?
    • ⤷ Can this part be used in high-frequency RF applications?