전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MMB02070Z3JB7

  • AI
    The **MMB02070Z3JB7** is a professional-grade **MELF (Metal Electrode Leadless Face)** resistor manufactured by Vishay Beyschlag. It is highly regarded in the electronics industry for its reliability, stability, and high-power handling compared to standard thick-film chip resistors. --- ### 1. Technical Specifications The part number follows a specific nomenclature. Here are the core technical characteristics: | Parameter | Specification | | :--- | :--- | | **Component Type** | MELF Resistor (Professional Series) | | **Package Size** | 0207 (approx. 5.8mm length x 2.2mm diameter) | | **Resistance Value** | 0 $\Omega$ (Jumper/Link) | | **Tolerance** | Not applicable (Jumper) | | **Current Rating** | Up to 5 Amps ($I_{max}$) | | **Operating Temperature** | -55°C to +155°C | | **Failure Rate** | < 0.1 x $10^{-9}$/h (extremely reliable) | --- ### 2. Key Features * **MELF Design:** The cylindrical shape provides superior thermal distribution and mechanical stability against vibration or board flex. * **Zero-Ohm Jumper:** The "Z" in the part number indicates this is a jumper, used to bridge connections on a PCB while maintaining the same automated assembly profile as other MELF components. * **Pulse Load Capability:** MELF resistors excel at handling high pulse loads and surges compared to flat-chip resistors. * **AEC-Q200 Qualified:** This part is suitable for automotive applications, ensuring it can withstand harsh environments. --- ### 3. Comparison: MELF vs. Flat Chip If you are deciding between this part and a standard SMD resistor, consider the following: | Feature | MELF (MMB 0207) | Standard SMD (1206/2512) | | :--- | :--- | :--- | | **Precision** | Very High | Standard | | **Stability** | Excellent (Thin Film) | Variable (Thick Film) | | **Moisture Resistance** | High | Moderate | | **Placement** | Requires MELF nozzles | Standard nozzles | --- ### 4. Applications The MMB0207 series is typically found in: 1. **Automotive Electronics:** Engine control units and braking systems. 2. **Industrial Inverters:** Power supplies and high-voltage converters. 3. **Telecommunications:** Base stations and infrastructure equipment where long-term stability is mandatory. 4. **Medical Equipment:** Monitoring devices requiring high reliability.
    ✨ Follow-up Questions
    • ⤷ Why would a designer choose a MELF jumper over a standard 0-ohm chip resistor?
    • ⤷ What are the soldering requirements for MELF 0207 packages?
    • ⤷ Does the MMB0207 series offer specific resistance values besides the zero-ohm jumper?