전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MMBT3906G-AE3-R

  • AI
    The **MMBT3906G-AE3-R** is a widely used, general-purpose **PNP Epitaxial Silicon Transistor** in a small surface-mount package. It is the PNP complement to the MMBT3904. --- ### 1. Key Specifications The following table summarizes the primary electrical characteristics of the MMBT3906G-AE3-R: | Parameter | Symbol | Maximum Rating | Unit | | :--- | :--- | :--- | :--- | | **Collector-Emitter Voltage** | $V_{CEO}$ | -40 | V | | **Collector-Base Voltage** | $V_{CBO}$ | -40 | V | | **Emitter-Base Voltage** | $V_{EBO}$ | -5.0 | V | | **Collector Current (DC)** | $I_C$ | -200 | mA | | **Power Dissipation** | $P_D$ | 225 | mW | | **DC Current Gain** | $h_{FE}$ | 100 - 300 | (at 10mA) | | **Operating Temperature** | $T_J$ | -55 to +150 | °C | --- ### 2. Physical and Packaging Details The "AE3" suffix typically refers to the **SOT-23** package, which is standard for high-density PCB designs. * **Package Type:** SOT-23 (Small Outline Transistor). * **Mounting Type:** Surface Mount (SMD/SMT). * **Lead-Free Status:** Usually "G" indicates Halogen-free and RoHS compliant. * **Pin Configuration:** 1. **Base** (B) 2. **Emitter** (E) 3. **Collector** (C) --- ### 3. Functional Applications As a PNP transistor, it is primarily used for switching and amplification in low-power circuits. Common use cases include: * **Switching:** Acting as a "high-side" switch to turn loads on and off. * **Signal Amplification:** Boosting low-level analog signals. * **Pulse Circuitry:** Used in oscillators and timing circuits due to its fast switching speed ($t_{on} < 35ns$). * **Inverter Circuits:** Often paired with the MMBT3904 (NPN) for push-pull configurations. --- ### 4. Part Number Breakdown While manufacturer codes vary slightly (e.g., UTC, Onsemi), the suffix usually follows this logic: | Code Segment | Meaning | | :--- | :--- | | **MMBT3906** | Basic part number (PNP Small Signal) | | **G** | Halogen-Free / Green material | | **AE3** | Package code for SOT-23 | | **R** | Tape and Reel packaging | --- ### 5. Sample Application Circuit A simple high-side switch configuration using the MMBT3906: ```text VCC (e.g., 5V) | [Emitter] [ MMBT3906 ]----[Base]--[Resistor]--[Control Signal] [Collector] | [Load] | GND ```
    ✨ Follow-up Questions
    • ⤷ What is the NPN complementary part for the MMBT3906?
    • ⤷ How does the SOT-23 footprint compare to a TO-92 package in terms of power dissipation?
    • ⤷ What is the typical saturation voltage (VCE sat) for this transistor?