전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MMBTA43G-AE3-R

  • AI
    ### Overview of MMBTA43G-AE3-R The **MMBTA43G-AE3-R** is a High Voltage NPN Epitaxial Silicon Transistor. It is primarily designed for high-voltage applications such as gas discharge displays, high-voltage switching, and telephony equipment. --- ### Technical Specifications The following table outlines the key electrical characteristics and physical parameters of the device: | Parameter | Symbol | Maximum Rating | Unit | | :--- | :--- | :--- | :--- | | **Collector-Base Voltage** | $V_{CBO}$ | 200 | V | | **Collector-Emitter Voltage** | $V_{CEO}$ | 200 | V | | **Emitter-Base Voltage** | $V_{EBO}$ | 6.0 | V | | **Collector Current (DC)** | $I_C$ | 500 | mA | | **Power Dissipation** | $P_D$ | 350 | mW | | **DC Current Gain** | $h_{FE}$ | 40 - 200 | @ $I_C=30mA$ | | **Package Type** | SOT-23 | Surface Mount | - | --- ### Pin Configuration The device uses a standard SOT-23 package. The pinout is typically structured as follows: 1. **Base (B)**: Controls the flow of current between collector and emitter. 2. **Emitter (E)**: The lead through which current leaves the transistor. 3. **Collector (C)**: The lead through which current enters the transistor. --- ### Key Features and Use Cases * **High Voltage Capability:** With a $V_{CEO}$ of 200V, it is ideal for circuits where standard signal transistors would fail. * **Surface Mount Technology (SMT):** The SOT-23 footprint is optimized for automated assembly and space-constrained PCB designs. * **Halogen-Free:** The "G" suffix typically denotes a Green (halogen-free and RoHS compliant) part. #### Typical Applications: * **Telecommunications:** Line interface circuits and ringing generators. * **Industrial Control:** High voltage sensing and switching. * **Displays:** Driving nixie tubes or neon lamps. --- ### Part Number Breakdown (UTC Standard) `MMBTA43G-AE3-R` * **MMBTA43**: Part series (High Voltage NPN). * **G**: Halogen-free/Green material. * **AE3**: Package code for SOT-23. * **R**: Tape and Reel packaging.
    ✨ Follow-up Questions
    • ⤷What is the complementary PNP transistor for the MMBTA43G?
    • ⤷ How does the power dissipation change with ambient temperature?
    • ⤷ Can this transistor be used in high-frequency RF applications?