전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MMF204-R-10K

  • AI
    The **MMF204-R-10K** is a precision electronic component, specifically a **Metal Film Resistor**. Based on the standard naming conventions used by manufacturers like Yageo or Vishay (specifically the MELF or Axial series), here is a detailed breakdown of its specifications and properties. --- ### 1. Part Number Breakdown To understand the part, we can deconstruct the alphanumeric code: | Code Segment | Meaning | Description | | :--- | :--- | :--- | | **MMF** | Series/Type | Metal Film Resistor (often Mini-MELF or Metal Film Fixed). | | **204** | Package/Power | Typically refers to the **0204 size** (approx. 0.4W rating). | | **R** | Packaging | Indicates "Reel" or "Tape & Reel" packaging for automated assembly. | | **10K** | Resistance | **10,000 Ohms (10 kΩ)**. | --- ### 2. Technical Specifications The MMF series is known for high stability and low noise, making it suitable for precision circuits. * **Resistance Value:** 10 kΩ. * **Power Rating:** Usually 0.4 Watts (at 70°C), though some versions vary between 0.25W and 0.4W depending on the manufacturer. * **Tolerance:** Typically ±1% or ±0.5% (common for MMF series). * **Temperature Coefficient (TCR):** Usually ±50 ppm/°C, ensuring the resistance remains stable as the temperature changes. * **Construction:** A thin film of metal is vacuum-deposited onto a high-grade ceramic rod or body. --- ### 3. Key Advantages Metal film resistors like the MMF204 offer several benefits over standard carbon film resistors: 1. **Low Noise:** Excellent for audio applications or signal processing because they generate very little thermal noise. 2. **Stability:** They maintain their resistance value over a long operating life and under varying environmental conditions. 3. **Precision:** They are manufactured to much tighter tolerances than general-purpose resistors. --- ### 4. Common Applications Due to its precision and 10k value (a very common "pull-up" or "voltage divider" value), this part is found in: * **Medical Electronics:** Where reliability and accuracy are critical. * **Industrial Controls:** Used in sensors and measurement equipment. * **Telecommunications:** For signal conditioning and filtering. * **Audio Equipment:** High-end amplifiers and mixing consoles. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between MELF and standard Axial leaded resistors?
    • ⤷ Can you provide the footprint dimensions for a 0204 package?
    • ⤷ How does the power rating change if the ambient temperature exceeds 70°C?