전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MMU01020B3JB0

  • AI
    The **MMU01020B3JB0** is a specific part number for a high-precision, high-reliability MELF (Metal Electrode Leadless Face) resistor manufactured by **Vishay Beyschlag**. It belongs to the **MMU 0102** series. --- ### 1. Key Technical Specifications | Parameter | Specification | |:---|:---| | **Series** | MMU 0102 - Professional | | **Case Size** | 0102 (MELF) | | **Resistance Value** | 3.3 MΩ (Megohms) | | **Tolerance** | ± 5% (indicated by 'J' in the part number) | | **Power Rating** | 0.3 W (at 70 °C) | | **Temperature Coefficient** | ± 50 ppm/K (indicated by 'B') | | **Maximum Operating Voltage** | 150 V | | **Operating Temperature Range**| -55 °C to +155 °C | --- ### 2. Breakdown of Part Number (MMU01020B3JB0) To understand the specific properties, we can decode the part number: * **MMU 0102**: The series name and physical size (Small MELF). * **0**: Internal placeholder. * **B**: Temperature Coefficient of Resistance (TCR) = ± 50 ppm/K. * **3**: Resistance value multiplier. * **J**: Tolerance code (J = ± 5%). * **B0**: Packaging code (typically indicates bulk or specific reel size). --- ### 3. Physical Construction: The MELF Advantage Unlike standard flat "chip" resistors (thick film), MELF resistors are **cylindrical**. This provides several advantages: 1. **Thermal Dissipation:** The cylindrical shape has a larger surface area compared to a flat chip of the same footprint, allowing for better heat management. 2. **Pulse Stability:** MELF resistors are significantly more robust against high-energy pulses and surges. 3. **Mechanical Strength:** They are less prone to cracking under PCB flexure compared to standard SMD resistors. 4. **Long-term Stability:** The metal film technology used ensures very low drift over the lifespan of the component. --- ### 4. Typical Applications Because of its reliability and precision, the MMU01020B3JB0 is commonly found in: * **Industrial Electronics:** Sensor interfaces and control systems. * **Automotive:** Engine control units (ECUs) and safety systems (AEC-Q200 qualified versions). * **Telecommunications:** Base station equipment. * **Medical Equipment:** Monitoring devices where stability is critical. ---
    ✨ Follow-up Questions
    • ⤷ What are the soldering requirements for MELF 0102 packages compared to standard SMD chips?
    • ⤷ Does the MMU0102 series have an AEC-Q200 automotive qualification?
    • ⤷ What is the equivalent resistance value for '3' in the multiplier code of this part?