전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MMU01020C3JB0

  • AI
    The **MMU 0102 0C 3309 FB000** (often referenced by its series prefix MMU0102) is a high-precision, professional-grade **MELF (Metal Electrode Leadless Face)** resistor manufactured by Vishay Beyschlag. ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Resistor Type** | Metal Film MELF | | **Case Size** | 0102 (Mini-MELF) | | **Resistance Range** | Typically 0.22 $\Omega$ to 2.21 M$\Omega$ | | **Tolerance** | $\pm$ 1% (Standard for this series) | | **Power Rating ($P_{70}$)** | 0.3 W | | **Temperature Coefficient** | $\pm$ 50 ppm/K | | **Operating Voltage** | 150 V | --- ### 2. Physical Design and Packaging Unlike standard rectangular SMD (Surface Mount Device) chip resistors, the MMU0102 uses a **cylindrical MELF** shape. * **Construction:** High-quality ceramic core with a metal film layer and protective lacquer coating. * **Terminations:** Pure tin plating on nickel barrier, providing excellent solderability. * **Dimensions:** Approximately 2.2 mm in length and 1.1 mm in diameter. --- ### 3. Core Advantages The MELF architecture offers several performance benefits over traditional flat chip resistors: 1. **Superior Pulse Load Capability:** The cylindrical design allows for a larger effective resistor film area, making it more robust against energy surges. 2. **Environmental Stability:** These resistors are highly resistant to moisture (sulfur resistance) and mechanical stress (vibration). 3. **Low Noise:** Metal film technology ensures very low current noise and high linearity. 4. **AEC-Q200 Qualified:** Most parts in this series are automotive-grade, ensuring reliability in harsh conditions. --- ### 4. Typical Applications The MMU0102 series is commonly found in circuits where reliability and precision are non-negotiable: * **Industrial Electronics:** Control systems and sensors. * **Automotive:** Engine control units (ECUs) and braking systems. * **Telecommunications:** High-frequency base stations. * **Medical Equipment:** Monitoring devices requiring stable signal paths.
    ✨ Follow-up Questions
    • ⤷ What are the soldering requirements for MELF resistors compared to standard SMD chips?
    • ⤷ How does the power rating of a MELF resistor change with ambient temperature?
    • ⤷ Can you explain the difference between MMU 0102 and MMA 0204 series?