전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MMU01020D3JB0

  • AI
    The **MMU 0102** series refers to a specific type of **MELF (Metal Electrode Leadless Face)** resistor manufactured by Vishay Beyschlag. This component is highly regarded in professional electronics for its reliability, stability, and high-frequency performance compared to standard thick-film chip resistors. ### 1. Component Overview The part number **MMU 0102** defines the physical size and technology, while the trailing characters (0D3JB0) define the specific resistance, tolerance, and packaging. | Feature | Specification | | :--- | :--- | | **Component Type** | MELF Resistor (Thin Film) | | **Case Size** | 0102 (Length: 2.2mm, Diameter: 1.1mm) | | **Technology** | Advanced Thin Film Metal Film | | **Terminations** | Lead (Pb)-free, pure tin (Sn) | --- ### 2. Key Technical Specifications Based on the MMU 0102 series standard data, the electrical characteristics typically include: * **Rated Dissipation ($P_{70}$):** 0.3 W (standard) / 0.2 W (advanced) * **Operating Voltage ($U_{max}$):** 150 V * **Operating Temperature Range:** -55 °C to +155 °C * **Stability:** Excellent stability under load (typically $\Delta R/R \leq 0.25\%$) * **Pulse Load Capability:** Superior to standard SMD chip resistors due to the larger cylindrical resistive surface. --- ### 3. Decoding the Part Number (MMU01020D3JB0) While specific internal manufacturer codes can vary slightly, here is the general breakdown for the MMU series: | Segment | Meaning | | :--- | :--- | | **MMU 0102** | Product Series & Physical Size | | **0** | Temperature Coefficient (TCR) Code | | **D** | Resistance Multiplier/Value Identifier | | **3** | Power Rating Indicator | | **J** | Tolerance Code (typically ±5%) | | **B0** | Packaging Code (Bulk/Tape & Reel) | --- ### 4. Advantages of MELF Technology MELF resistors like the MMU 0102 are often chosen over standard flat chip resistors (like the 0805 or 0603) for the following reasons: 1. **Thermal Management:** The cylindrical shape provides a larger surface area for heat dissipation. 2. **Moisture Resistance:** High resistance to humidity and harsh environmental conditions (AEC-Q200 qualified versions available). 3. **High Frequency:** Low parasitic inductance and capacitance make them ideal for RF applications. 4. **Pulse Stability:** The thin film is distributed over a cylinder, reducing current density and improving resistance to high-energy pulses. --- ### 5. Common Applications * **Automotive Electronics:** Engine control units, lighting systems, and braking systems. * **Industrial:** Power supplies, sensors, and measurement equipment. * **Telecommunications:** Base stations and high-frequency signal processing. * **Medical Equipment:** Precision diagnostics tools where long-term stability is critical.
    ✨ Follow-up Questions
    • ⤷ What are the soldering requirements for MELF packages compared to standard SMD chips?
    • ⤷ How does the pulse load capability of a MELF resistor compare to a thick-film chip resistor?
    • ⤷ What is the specific resistance value and tolerance for the '3JB0' suffix?