전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MMU01020D3JB7

  • AI
    The **MMU01020D3JB7** is a professional-grade **MELF (Metal Electrode Leadless Face)** resistor manufactured by Vishay Beyschlag. It is known for its high reliability, stability, and pulse load capability compared to standard thick-film chip resistors. --- ### 1. Key Specifications The part number follows a specific coding structure that defines its physical and electrical characteristics. | Feature | Specification | | :--- | :--- | | **Series** | MMU 0102 (Micro-MELF) | | **Resistance Value** | 1.3 MΩ (Megohms) | | **Tolerance** | ± 5% | | **Power Rating** | 0.3 W (at 70°C) | | **Temperature Coefficient** | ± 25 ppm/K (typical for professional series) | | **Operating Voltage** | 150 V (Max) | | **Case Size** | 0102 (Length: 2.2mm, Diameter: 1.1mm) | --- ### 2. Physical Construction The **MELF** design is cylindrical rather than flat. This construction provides several technical advantages: * **Helical Laser Cutting:** The resistive film is trimmed in a helical pattern, which results in a longer resistive path and better heat distribution. * **Metal Film Technology:** It uses a high-quality homogeneous metal alloy deposited on a high-grade ceramic body. * **Termination:** Pure tin plating over a nickel barrier layer, providing excellent solderability and resistance to "leaching." --- ### 3. Advantages vs. Standard SMD Resistors The MMU 0102 series is often chosen over standard 0603 or 0805 chip resistors for the following reasons: 1. **Pulse Stability:** The cylindrical shape and larger volume of resistive material allow it to handle higher energy pulses without failing. 2. **Long-Term Stability:** Excellent resistance to environmental factors like moisture and temperature cycling ($\Delta R/R$ is very low over 10,000 hours). 3. **Low Noise:** Metal film technology ensures lower current noise and lower non-linearity. --- ### 4. Common Applications Due to its reliability, the MMU01020D3JB7 is typically found in: * **Industrial Electronics:** Sensor bridges, measurement equipment, and PLC modules. * **Automotive:** Engine control units (ECU), lighting systems, and safety electronics (AEC-Q200 qualified). * **Telecommunications:** Base stations and infrastructure power supplies. * **Medical Equipment:** Monitoring devices requiring precision and stability. --- ### 5. Part Number Breakdown (Example) While the suffix "3JB7" indicates specific packaging and tolerance variants: * **MMU 0102:** Product size and type. * **0D:** Often refers to specific temperature coefficients or series variants. * **3:** Multiplier code for resistance. * **J:** Tolerance code (J = ± 5%). * **B7:** Packaging code (e.g., Blister tape/reel).
    ✨ Follow-up Questions
    • ⤷ What are the soldering requirements for MELF resistors compared to flat chips?
    • ⤷ How does the pulse load capability of MMU 0102 compare to a standard 0603 resistor?
    • ⤷ Can this resistor be used in high-vibration automotive environments?