전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MMU01020Z3JB3

  • AI
    The **MMU01020Z3JB3** is a high-precision, automotive-grade MELF (Metal Electrode Leadless Face) resistor manufactured by Vishay Beyschlag. It is known for its exceptional reliability and stability under harsh conditions. --- ### ## 1. Technical Specifications The following table summarizes the key electrical and physical characteristics of this component: | Feature | Specification | | :--- | :--- | | **Manufacturer** | Vishay Beyschlag | | **Series** | MMU 0102 (MELF) | | **Resistance Value** | 3.3 kΩ (indicated by "3JB3") | | **Tolerance** | ±5% | | **Power Rating** | 0.3 W (at 70°C) | | **Temperature Coefficient** | ±50 ppm/K | | **Operating Voltage** | 150 V | | **Case Size** | 0102 (Dimensions: 2.2mm L x 1.1mm D) | | **Operating Temperature** | -55°C to +155°C | --- ### ## 2. Structural Characteristics Unlike standard thick-film chip resistors, the MMU01020Z3JB3 uses **MELF technology**, which provides several advantages: * **Cylindrical Shape:** The cylindrical construction allows for a larger effective surface area for the resistive film compared to flat chip resistors. * **Metal Film Layer:** It utilizes a high-quality homogeneous metal film deposited on a high-grade ceramic body. * **Terminations:** Pure tin plating over a nickel barrier ensures excellent solderability and resistance to "leaching." --- ### ## 3. Key Features & Benefits 1. **AEC-Q200 Qualified:** This part is tested for automotive industry standards, meaning it can withstand high vibration and thermal cycling. 2. **Pulse Load Stability:** Due to its cylindrical design, it handles pulse loads and surges much better than standard SMD resistors. 3. **Sulfur Resistance:** It is inherently resistant to sulfur-rich environments, preventing the "silver sulfide" corrosion common in standard resistors. 4. **Low Noise:** The metal film technology ensures low current noise and high linearity. --- ### ## 4. Common Applications Due to its high reliability, the MMU 0102 series is typically found in: * **Automotive Electronics:** Engine control units (ECU), lighting, and braking systems. * **Industrial Equipment:** Sensors, measurement bridges, and industrial automation. * **Telecommunications:** Base stations and high-end networking hardware. * **Medical Electronics:** Diagnostic equipment where precision and long-term stability are critical.
    ✨ Follow-up Questions
    • ⤷What is the difference between a MELF resistor and a standard SMD chip resistor?
    • ⤷ How do I decode the full part number for Vishay MMU series resistors?
    • ⤷ Are there specific soldering requirements for 0102 MELF components?