전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MMZ2012D121B

  • AI
    The **MMZ2012D121B** is a High-Reliability Chip Bead manufactured by TDK. It belongs to the MMZ series (Multi-layer Chip Beads) and is primarily used for noise suppression in signal lines. --- ## 1. Technical Specifications The following table highlights the core electrical and physical characteristics of the component: | Parameter | Specification | |:---|:---| | **Impedance (at 100 MHz)** | 120 $\Omega$ ($\pm$25%) | | **DC Resistance (DCR)** | 0.20 $\Omega$ Max | | **Rated Current** | 500 mA Max | | **Operating Temperature** | -55°C to +125°C | | **Package Size (Metric)** | 2012 (2.0mm x 1.25mm) | | **Package Size (Inch)** | 0805 | | **Material Type** | D Material (Standard frequency applications) | --- ## 2. Key Features and Internal Structure Unlike a standard inductor, the MMZ2012D121B is designed to dissipate noise as heat rather than storing it as magnetic energy. ### A. Internal Multilayer Construction The part is built using a **monolithic structure** where alternating layers of ferrite paste and internal electrode paste are sintered together. This design offers: * High reliability due to the absence of wire windings. * Excellent magnetic shielding, reducing crosstalk between components. ### B. "D" Material Characteristics The "D" in the part number indicates the specific ferrite material used. It is optimized for: * Providing high impedance in the **low to mid-frequency ranges**. * Effective suppression of noise that is typically generated in digital signal lines (clocks, data buses). --- ## 3. Circuit Application In a typical circuit, this chip bead is placed in series with the signal or power line. ```mermaid graph LR A[Signal Source] --- B[MMZ2012D121B] B --- C[Sensitive Load/IC] style B fill:#f9f,stroke:#333,stroke-width:2px ``` ### Common Uses: 1. **EMI Suppression:** Reducing electromagnetic interference in mobile devices, PCs, and consumer electronics. 2. **Signal Integrity:** Cleaning up "ringing" on high-speed data lines. 3. **Power Decoupling:** Preventing high-frequency noise from entering sensitive analog sections of a PCB. --- ## 4. Part Number Breakdown Understanding the nomenclature helps in selecting alternatives: * **MMZ:** Multilayer Chip Bead * **2012:** Dimensions (2.0mm x 1.25mm) * **D:** Material Type (General frequency) * **121:** Impedance value (12 followed by one zero = 120 $\Omega$) * **B:** Internal TDK control code/Packaging
    ✨ Follow-up Questions
    • ⤷ How does the 'D' material compare to 'S' or 'Y' materials in the MMZ series?
    • ⤷ What is the recommended solder profile for the 0805 package size?
    • ⤷ In what scenarios would I choose a chip bead over a standard inductor?