MMZ2012D301BTD25
AI

The **MMZ2012D301BTD25** is a high-performance chip bead (ferrite bead) manufactured by **TDK Corporation**. It is designed for noise suppression in electronic circuits, specifically targeting high-frequency electromagnetic interference (EMI).
---
### 1. Technical Specifications
The part number encodes specific characteristics of the component. Below is a breakdown of its technical parameters:
| Parameter | Specification |
|:---|:---|
| **Impedance at 100MHz** | 300 $\Omega$ (±25%) |
| **DC Resistance (Max)** | 0.30 $\Omega$ |
| **Rated Current** | 400 mA |
| **Operating Temperature** | -55°C to +125°C |
| **Case Size (EIA/Metric)** | 0805 / 2012 (2.0mm x 1.25mm) |
| **Series** | MMZ (Multilayer Chip Bead) |
---
### 2. Part Number Breakdown
Understanding the nomenclature helps in identifying its physical and electrical properties:
* **MMZ**: Multilayer Chip Bead series.
* **2012**: Dimensions (2.0mm length × 1.25mm width).
* **D**: Material code (indicated specific frequency characteristics).
* **301**: Impedance value ($30 \times 10^1 = 300$ Ohms).
* **B**: Internal code / Material designator.
* **T**: Packaging (Taping / Reel).
* **D25**: Specific characteristic or tolerance marker for high-reliability/automotive tiers.
---
### 3. Key Functions & Applications
This component acts as a **low-pass filter**, allowing Direct Current (DC) to pass while providing high resistance (impedance) to high-frequency noise.
#### Primary Functions:
1. **Noise Suppression:** It converts high-frequency electromagnetic noise into heat within the ferrite material.
2. **Signal Integrity:** Used to prevent "ringing" in high-speed digital lines.
#### Common Applications:
* **Consumer Electronics:** Mobile phones, tablets, and portable gaming consoles.
* **Automotive:** Infotainment systems and Electronic Control Units (ECUs) where space is limited.
* **IT Equipment:** Motherboards, HDD interfaces, and USB line filtering.
---
### 4. Frequency Characteristics
The "D" material used in this bead is designed to provide high impedance across a broad frequency range. Unlike a standard inductor, the impedance of this ferrite bead is highly resistive at high frequencies, which prevents resonance issues in the circuit.
- ⤷
What is the difference between the MMZ 'D' and 'S' material types?
- ⤷ How do I calculate the power dissipation of this bead in a circuit?
- ⤷ Is this specific part number AEC-Q200 qualified for automotive use?