전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MMZ2012S1

  • AI
    The **MMZ2012S1** is a Chip Bead (Ferrite Bead) manufactured by TDK Corporation. It is specifically designed for noise suppression in electronic circuits by dissipating high-frequency noise as heat. --- ### 1. General Specifications The part number "MMZ2012S1" follows a specific naming convention that defines its physical and electrical characteristics. | Parameter | Specification | | :--- | :--- | | **Series** | MMZ (Multilayer Chip Bead) | | **Size Code** | 2012 (2.0mm x 1.25mm / 0805 inch) | | **Material Type** | S (Standard frequency application) | | **Operating Temp.** | -55°C to +125°C | | **Mounting Type** | Surface Mount (SMD) | --- ### 2. Electrical Characteristics The performance of a ferrite bead is measured primarily by its **Impedance ($Z$)** at a specific frequency (usually 100MHz) rather than inductance. | Characteristic | Typical Value | | :--- | :--- | | **Impedance at 100MHz** | Varies by sub-model (e.g., 80$\Omega$ to 1000$\Omega$+) | | **DC Resistance (Rdc)** | Very low (typically 0.10$\Omega$ to 0.50$\Omega$) | | **Rated Current** | 200mA to 800mA (model dependent) | --- ### 3. Key Features & Materials The "S" material designation indicates a specific frequency response profile: * **Standard Material (S-type):** This material is designed for general noise suppression across a broad frequency range. It is effective for signals where the noise and the signal frequencies are somewhat separated. * **Multilayer Construction:** It is built using alternating layers of ferrite paste and internal electrode paste, which allows for a compact size and high reliability. * **Magnetically Shielded:** The structure prevents crosstalk and electromagnetic interference (EMI) with neighboring components. --- ### 4. Common Applications The MMZ2012S1 is widely used in consumer electronics and industrial equipment for: 1. **Power Lines:** Removing ripples and high-frequency noise from DC power rails. 2. **Signal Lines:** Suppressing noise in digital interfaces (USB, HDMI, etc.) without distorting the actual signal data. 3. **EMI Reduction:** Helping devices pass electromagnetic compatibility (EMC) testing by reducing radiated emissions. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between the S-type and Y-type materials in TDK beads?
    • ⤷ How do I choose the correct impedance value for my circuit?
    • ⤷ Can you provide the specific current rating for the MMZ2012S121A model?