전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MMZ2012S301A

  • AI
    ## Overview of MMZ2012S301A The **MMZ2012S301A** is a Surface Mount Device (SMD) Chip Bead from the MMZ series, manufactured by **TDK Corporation**. It is primarily used for noise suppression in electronic circuits, specifically designed to eliminate high-frequency noise from signal lines. --- ### Technical Specifications | Parameter | Specification | | :--- | :--- | | **Type** | Ferrite Chip Bead | | **Case Code (EIA)** | 0805 | | **Case Code (Metric)** | 2012 | | **Impedance (at 100 MHz)** | 300 $\Omega$ (±25%) | | **DC Resistance (Max)** | 0.20 $\Omega$ | | **Rated Current (Max)** | 600 mA | | **Operating Temperature** | -55°C to +125°C | --- ### Key Features and Functions 1. **Noise Suppression:** It functions by acting as a high-frequency resistor. It converts high-frequency electromagnetic interference (EMI) noise into heat, preventing it from affecting sensitive components. 2. **Multilayer Construction:** The internal structure consists of multiple layers of conductive and ferrite material, allowing for a compact size with high impedance. 3. **Frequency Characteristics:** The "S" material classification indicates a "Standard" type frequency characteristic, making it versatile for general signal line noise across various frequencies. 4. **Size:** The 2012 metric size (2.0mm x 1.25mm) is an industry standard, balancing ease of handling with space efficiency. --- ### Typical Applications * **Consumer Electronics:** Mobile phones, tablets, and portable gaming consoles. * **Computing:** LPDDR memory lines, CPU peripheral circuits, and USB lines. * **Audio/Video:** Preventing noise in signal processing circuits to improve signal integrity. * **Industrial:** Noise filtering for sensors and communication interfaces. --- ### Part Number Breakdown The part number follows a specific nomenclature defined by TDK: | Segment | Meaning | | :--- | :--- | | **MMZ** | Series Name (Multilayer Chip Bead) | | **2012** | Dimensions (2.0mm x 1.25mm) | | **S** | Material Type (Standard characteristic) | | **301** | Impedance (30 $\times$ 10$^1$ = 300 $\Omega$) | | **A** | Characteristic/Packaging code |
    ✨ Follow-up Questions
    • ⤷ What is the difference between S-type and R-type materials in TDK beads?
    • ⤷ How do I choose between a chip bead and an inductor for noise filtering?
    • ⤷ What is the maximum voltage rating for the MMZ2012S301A?