전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MMZ2012S601ATD25

  • AI
    The **MMZ2012S601ATD25** is a high-performance **Chip Bead** (Ferrite Bead) manufactured by TDK Corporation. It is specifically designed for noise suppression in signal lines, particularly in automotive applications where reliability and heat resistance are critical. --- ## 1. Technical Specifications | Parameter | Specification | | :--- | :--- | | **Manufacturer** | TDK Corporation | | **Series** | MMZ Series (Automotive Grade) | | **Impedance (at 100MHz)** | 600 $\Omega$ (±25%) | | **DC Resistance (Max)** | 0.25 $\Omega$ | | **Rated Current (Max)** | 500 mA | | **Operating Temperature** | -55°C to +125°C | | **Case Size (EIA/Metric)** | 0805 / 2012 | | **Dimensions (L x W x T)** | 2.00mm x 1.25mm x 0.85mm | --- ## 2. Key Features and Construction ### AEC-Q200 Compliance This part is **Automotive Grade**. It has passed rigorous stress testing (vibration, thermal shock, and moisture resistance) required for use in vehicles. ### Internal Structure The MMZ series uses a **multilayer structure**. Unlike a standard wire-wound inductor, these are created by layering ferrite paste and internal conductive paste. This allows for: * Compact physical size. * Excellent reliability due to the monolithic structure. * Effective high-frequency noise absorption. ### Impedance Characteristics At low frequencies, the component acts like a standard conductor (low resistance). As frequency increases, the impedance rises, peaking at 600 $\Omega$ around 100MHz, effectively converting high-frequency noise into heat. --- ## 3. Part Number Breakdown The part number follows a specific nomenclature used by TDK: | Segment | Meaning | | :--- | :--- | | **MMZ** | Multilayer Chip Bead | | **2012** | Dimensions (2.0mm x 1.25mm) | | **S** | Material Code (Standard type for general signals) | | **601** | Impedance (60 followed by 1 zero = 600 $\Omega$) | | **A** | Internal Code | | **T** | Packaging (Taping / Reel) | | **D25** | Automotive Grade Specification | --- ## 4. Typical Applications * **Automotive ECU:** Engine control units and powertrain modules. * **Infotainment:** Filtering noise in car audio and navigation systems. * **Industrial Automation:** Signal line protection in high-vibration environments. * **Power Lines:** Low-current DC power supply noise reduction. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between the S-type and Y-type material in TDK MMZ beads?
    • ⤷ How does temperature affect the impedance of the MMZ2012S601ATD25?
    • ⤷ Can this ferrite bead be used for high-speed data lines like USB 3.0?