전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MMZ2012Y301B

  • AI
    The **MMZ2012Y301B** is a High-Reliability Chip Bead manufactured by **TDK Corporation**. It is primarily used for noise suppression in signal lines of electronic circuits. --- ## 1. Component Overview The MMZ series (Multilayer Chip Beads) is designed to reduce electromagnetic interference (EMI) by absorbing high-frequency noise and converting it into heat energy. | Parameter | Specification | | :--- | :--- | | **Manufacturer** | TDK Corporation | | **Part Series** | MMZ (Multilayer Chip Bead) | | **Case Size (EIA)** | 0805 | | **Case Size (Metric)** | 2012 (2.0mm x 1.25mm) | | **Impedance (at 100MHz)** | 300 $\Omega$ (±25%) | | **DC Resistance (Max)** | 0.20 $\Omega$ | | **Rated Current (Max)** | 600 mA | | **Operating Temperature** | -55°C to +125°C | --- ## 2. Key Characteristics ### A. Frequency Impedance The "Y" material designation indicates a "General-use" frequency characteristic. It provides a balanced impedance curve, making it effective for a wide range of frequencies rather than focusing on a specific narrow band. ### B. Structural Design * **Multilayer Technology:** Internal layers of ferrite and conductive paste are laminated and fired together. * **Magnetically Shielded:** The structure prevents crosstalk and allows for high-density mounting on PCBs. ### C. Electrical Role Unlike a standard inductor which stores energy, this chip bead acts as a **resistor at high frequencies**. * **Low Frequencies:** It acts as an inductor with low resistance. * **High Frequencies:** The resistive component becomes dominant, dissipating noise as heat. --- ## 3. Application Use Cases The MMZ2012Y301B is typically found in: 1. **Consumer Electronics:** Smartphones, tablets, and PCs. 2. **Signal Lines:** Protecting I/O ports (USB, HDMI) from high-frequency interference. 3. **Power Supply Decoupling:** Preventing noise from digital ICs from leaking back into the power rails. --- ## 4. Part Number Breakdown `MMZ` `2012` `Y` `301` `B` * **MMZ:** Series Name (Multilayer Chip Bead). * **2012:** Dimensions (2.0mm x 1.25mm). * **Y:** Material Type (General Application). * **301:** Impedance value ($30 \times 10^1 = 300 \Omega$). * **B:** Packaging style (Bulk/Tape & Reel variant).
    ✨ Follow-up Questions
    • ⤷ What is the difference between the Y and S material types in the MMZ series?
    • ⤷ How do I choose the right impedance value for a signal line?
    • ⤷ Can this chip bead be used for high-current power applications?