전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MN1380-R

  • AI
    ## Overview of the MN1380-R The **MN1380-R** is a CMOS-based voltage detection IC (often referred to as a "reset IC" or "voltage supervisor") manufactured by Panasonic. Its primary function is to monitor a power supply voltage and provide a reset signal to a microcontroller (MCU) or logic circuit when the voltage drops below a specific threshold. ### Key Technical Specifications | Parameter | Value / Description | | :--- | :--- | | **Detection Voltage ($V_{DET}$)** | 4.0V (Typical) | | **Operating Voltage Range** | 1.0V to 10.0V | | **Output Type** | CMOS Output (Active High) | | **Current Consumption** | Very Low (approx. 1μA to 5μA) | | **Package Type** | TO-92 (Standard 3-pin) or SOT-23 (Mini) | | **Detection Threshold Range** | 3.9V to 4.1V (for the "R" variant) | --- ### Internal Functional Blocks The device consists of three main internal components that allow it to function without external timing components: 1. **Reference Voltage Source:** Provides a stable internal voltage to compare against the input. 2. **Comparator:** Compares the input supply ($V_{DD}$) with the reference voltage. 3. **Delay Circuit:** Ensures the output signal is stable and prevents "chattering" (rapid switching) during power transitions. --- ### Pin Configuration (TO-92 Package) | Pin Number | Name | Function | | :--- | :--- | :--- | | 1 | **OUT** | Reset Output signal (goes High when $V_{DD} > V_{DET}$) | | 2 | **VDD** | Power Supply Input / Voltage Monitored | | 3 | **VSS** | Ground (0V) | --- ### Operating Logic The MN1380 series uses a specific logic flow to protect digital systems: * **Power-Up:** As the voltage rises, the `OUT` pin remains **Low** until the voltage reaches the threshold ($V_{DET}$). Once it crosses ~4.0V, the `OUT` pin switches to **High**, allowing the MCU to start. * **Voltage Drop (Brown-out):** If the supply voltage falls below the threshold, the `OUT` pin immediately drops to **Low**, forcing the MCU into a reset state to prevent data corruption or erratic behavior. --- ### Common Applications * **Microcomputer Reset:** Prevents the MCU from executing code at unreliable voltage levels. * **Battery Checkers:** Used to trigger low-battery indicators. * **Level Discriminators:** Simple circuits that need to detect if a voltage has crossed a specific boundary.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the MN1380-R (CMOS output) and the MN1381 (N-channel open drain)?
    • ⤷ Can the MN1380-R be used with a 3.3V microcontroller?
    • ⤷ How does the hysteresis feature in this IC prevent false triggering?