전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MN1382-R

  • AI
    ## Overview of MN1382-R The **MN1382-R** is a CMOS-based voltage detection IC (often called a voltage supervisor or reset IC) manufactured by Panasonic. It is primarily used to monitor power supply voltage and provide a reset signal to microprocessors when the voltage drops below a specific threshold. ### Key Specifications | Parameter | Specification | | :--- | :--- | | **Detection Voltage ($V_{DET}$)** | 4.0V to 4.3V (typically 4.1V) | | **Hysteresis ($V_{HYS}$)** | 5% of $V_{DET}$ (approx. 0.2V) | | **Operating Voltage Range** | 1.5V to 7.0V | | **Output Type** | CMOS Output (Active High) | | **Package Type** | MINI-3P (SOT-23 equivalent) | | **Current Consumption** | 1.0 $\mu$A (Typical) | --- ### Internal Functional Parts The MN1382-R consists of several internal electronic stages that work together to monitor the rail: 1. **Reference Voltage Source:** A stable internal voltage reference used to compare against the input $V_{DD}$. 2. **Voltage Comparator:** Compares the divided input voltage with the reference. It includes a built-in hysteresis circuit to prevent "chatter" (rapid switching) when the voltage is near the threshold. 3. **Delay Circuit:** Provides a short time constant to ensure the reset signal is stable. 4. **Output Buffer:** A CMOS push-pull stage. In the "R" version, this is an **active high** output, meaning it outputs a "High" logic signal when the voltage is below the threshold. --- ### Pin Configuration The device is typically housed in a 3-pin package: | Pin Number | Name | Function | | :--- | :--- | :--- | | 1 | **OUT** | Reset Output signal | | 2 | **VDD** | Power supply input / Voltage sensing pin | | 3 | **VSS** | Ground (GND) | --- ### Operating Logic The MN1382-R monitors the $V_{DD}$ pin. Its behavior is defined as follows: * **Under-voltage State:** If $V_{DD}$ falls below $V_{DET}$, the **OUT** pin goes **High**. This signals the microcontroller to stop operating or enter a reset state to prevent data corruption. * **Normal State:** Once $V_{DD}$ rises above $V_{DET} + V_{HYS}$, the **OUT** pin goes **Low**, allowing the microcontroller to begin its start-up sequence. --- ### Typical Applications * **Microcomputer Reset:** Ensures the MCU starts only when power is stable. * **Battery Life Monitors:** Detecting low-battery conditions in portable electronics. * **Power Failure Detection:** Providing a warning signal before volatile memory loses power.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the MN1382-R and the MN1382-S?
    • ⤷ Can I use an open-drain version of this IC in the same circuit?
    • ⤷ How do I calculate the exact hysteresis range for my circuit?