전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MP1100-G-RX

  • AI
    The **MP1100-G-RX** is an integrated circuit (IC) primarily used in high-efficiency power management applications. It belongs to a class of synchronous rectified step-down (buck) converters or specific power controller families manufactured by companies like Monolithic Power Systems (MPS). --- ### 1. Key Technical Specifications The MP1100-G-RX is designed for compact efficiency. Below are its general technical characteristics: | Parameter | Typical Value / Description | | :--- | :--- | | **Component Type** | Integrated Circuit (IC) - Power Management | | **Package Type** | QFN (Quad Flat No-lead) or similar surface mount | | **Topology** | Synchronous Buck / Controller | | **Input Voltage Range** | Typically wide range (varies by sub-series) | | **Mounting Type** | Surface Mount (SMD) | | **RoHS Status** | Lead-free / RoHS Compliant | --- ### 2. Core Functional Blocks To understand how the part functions, we can break it down into its internal electronic architecture: #### A. Internal MOSFETs Unlike older regulators, this IC typically integrates high-side and low-side power MOSFETs. This reduces the need for external diodes and shrinks the overall PCB footprint. #### B. Feedback Loop (FB) The IC monitors the output voltage through a feedback pin. It uses a high-speed error amplifier to compare the output against an internal reference voltage to maintain stability. #### C. PWM Control Logic It utilizes **Pulse Width Modulation (PWM)** to switch the internal transistors. By adjusting the "on-time" versus "off-time," it regulates the energy delivered to the load. #### D. Protection Circuitry * **OCP (Over-Current Protection):** Shuts down if the load draws too much current. * **OTP (Over-Temperature Protection):** Thermal shutdown if the die temperature exceeds safety limits (usually ~150°C). * **UVLO (Under-Voltage Lockout):** Ensures the chip doesn't operate if the input voltage is too low to drive the internal gates reliably. --- ### 3. Common Application Circuit A typical circuit utilizing the MP1100-G-RX requires very few external components: ```cpp // Typical External Component Checklist 1. Input Capacitor (Cin) - Filters input noise. 2. Inductor (L1) - Stores energy during the switching cycle. 3. Output Capacitor (Cout)- Smooths the output voltage ripple. 4. Feedback Resistors - Sets the specific output voltage level. ``` --- ### 4. Suffix Meaning (`-G-RX`) * **-G**: Usually denotes "Green" or Halogen-free packaging. * **-RX**: Often refers to the specific tape-and-reel packaging format or a specific revision of the silicon.
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating for the MP1100-G-RX?
    • ⤷ Can you provide the pinout diagram for this QFN package?
    • ⤷ How does the efficiency of the MP1100 compare to non-synchronous converters?