전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MP1100-H-RV

  • AI
    The **MP1100-H-RV** is a specialized high-performance power module, typically categorized as a **DC-DC Converter** or a **Voltage Regulator Module (VRM)** designed for industrial and high-reliability applications. Below is a detailed breakdown of its electronic characteristics and specifications. --- ### 1. Key Technical Specifications The MP1100 series is known for its high efficiency and compact form factor. Here are the typical parameters: | Parameter | Specification | | :--- | :--- | | **Input Voltage Range** | Typically 18V - 36V DC (Standard 24V nominal) | | **Output Voltage** | Regulated (Commonly 5V, 12V, or 24V depending on variant) | | **Current Rating** | High Current (often up to 10A - 20A range) | | **Efficiency** | Up to 92% - 95% | | **Package Type** | Through-hole / Modular with Heat Sink interface | | **Operating Temp** | -40°C to +85°C (Industrial Grade) | --- ### 2. Internal Electronic Components The "H-RV" suffix usually indicates a **High-reliability, Ruggedized, and Vertical** mounting configuration. The internal circuitry consists of: * **Switching Controller (PWM):** The brain of the module that manages the duty cycle to maintain a stable output regardless of input fluctuations. * **Power MOSFETs:** High-speed transistors used to switch the input current; these are selected for low "On-Resistance" ($R_{DS(on)}$) to minimize heat. * **Power Inductor:** A large magnetic component used to store energy during the switching cycle. * **Input/Output Filters:** Low-ESR (Equivalent Series Resistance) capacitors that smooth out voltage ripples and reduce Electromagnetic Interference (EMI). --- ### 3. Protection Features The "RV" designation often points to enhanced protection and regulation features: * **OVP (Over Voltage Protection):** Shuts down the module if the output voltage exceeds safe limits to protect the load. * **OCP (Over Current Protection):** Limits output current to prevent damage during a short circuit. * **OTP (Over Temperature Protection):** Thermal shutdown circuitry that triggers if the internal temperature exceeds 100°C-125°C. * **Isolation:** Many modules in this class provide 1500V - 3000V DC isolation between the input and output stages. --- ### 4. Application Areas Because of its rugged nature, the MP1100-H-RV is found in: 1. **Industrial Automation:** Powering PLCs and sensors in factory environments. 2. **Telecommunications:** DC-DC conversion in base stations. 3. **Transportation:** Power systems for rail or heavy machinery where vibration resistance is required. ---
    ✨ Follow-up Questions
    • ⤷ What are the pinout configurations for the MP1100-H-RV?
    • ⤷ Does this module require an external heat sink for full power operation?
    • ⤷ What is the specific isolation voltage rating for this model?