전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MP1100-Z-RX

  • AI
    The **MP1100-Z-RX** belongs to a specialized category of electronic components, typically categorized as a high-performance **High-Side Power Switch** or a specific **Voltage Regulator/Converter** module, often produced by manufacturers like Monolithic Power Systems (MPS) or related industrial electronic providers. Below is a breakdown of the electronic characteristics and technical specifications typical of this component series. --- ### 1. Core Technical Specifications The component is designed for power management applications where efficiency and thermal stability are critical. | Feature | Description | | :--- | :--- | | **Component Type** | Integrated Power Module / High-Side Switch | | **Input Voltage Range** | Typically 3V to 36V (Industrial Standard) | | **Output Current** | Rated for high-current loads (varies by thermal sinking) | | **Switching Frequency** | High-frequency operation to minimize inductor size | | **Protection Features** | Over-Current (OCP), Over-Temperature (OTP), Under-Voltage (UVLO) | --- ### 2. Key Internal Electronic Parts The MP1100 series integrates several discrete functions into a single package: * **MOSFET Switch:** A low-resistance (Low $R_{DS(on)}$) internal transistor that acts as the primary gate for power delivery. * **Gate Driver:** Internal circuitry that provides the necessary voltage to rapidly toggle the MOSFET, reducing switching losses. * **Current Sense Resistor:** An internal or integrated sensing element used to monitor the output current in real-time for safety protocols. * **Charge Pump:** Since it is a "High-Side" switch, it includes a charge pump to generate a gate voltage higher than the input voltage to fully turn on the N-Channel MOSFET. --- ### 3. Pin Configuration & Functionality While specific pinouts depend on the physical package (such as QFN or SOIC), the functional electronic pins generally include: 1. **VIN:** Power supply input. 2. **VOUT:** Regulated or switched output to the load. 3. **GND:** Reference ground. 4. **EN (Enable):** Logic level input to turn the chip on or off. 5. **FB (Feedback) / SENSE:** Monitors the output state to maintain regulation. --- ### 4. Application Use Cases This part is commonly found in the following electronic environments: * **Industrial Automation:** Driving solenoids, relays, or actuators. * **Automotive Electronics:** Power distribution and "Smart" fuse replacement. * **Telecommunications:** DC-DC conversion and distributed power architectures. --- ### 5. Implementation Example Here is a conceptual representation of how one might interface with the Enable pin using a microcontroller: ```cpp // Pseudocode for controlling the MP1100-Z-RX Enable Pin const int mp1100_EN = 5; // Connected to EN pin void setup() { pinMode(mp1100_EN, OUTPUT); } void powerOnSystem() { digitalWrite(mp1100_EN, HIGH); // Activate the power switch } void powerOffSystem() { digitalWrite(mp1100_EN, LOW); // Shutdown to save power } ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum operating temperature for the MP1100-Z-RX?
    • ⤷ Does this component require external Schottky diodes for flyback protection?
    • ⤷ What are the recommended decoupling capacitor values for the VIN pin?