전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MP1102-B-RX

  • AI
    The **MP1102-B-RX** is an electronic component typically associated with high-definition video processing and wireless transmission systems, specifically within the **Sony MP1102** series ecosystem. It is designed to act as a receiver (RX) module for high-definition visual communication. --- ### 1. General Specifications The module is engineered for low-latency, high-resolution video decoding and output. Below are the primary technical characteristics: | Feature | Specification | | :--- | :--- | | **Interface Type** | Digital Video Output (usually LVDS or HDMI via carrier board) | | **Resolution Support** | Up to 1080p @ 60fps | | **Power Supply** | Typically 3.3V to 5.0V DC | | **Protocol** | Proprietary encoded stream / H.264 / H.265 | | **Form Factor** | Compact Surface Mount / Integrated Module | --- ### 2. Key Internal Components The "parts" or sub-systems within the MP1102-B-RX module generally include: #### A. Video Processing Unit (VPU) * **Function:** Decodes the incoming compressed signal from the transmitter (TX). * **Importance:** It ensures minimal "glass-to-glass" latency, which is critical for real-time applications like drone piloting or surgical imaging. #### B. RF Front-End (Receiver Circuitry) * **Function:** Filters and amplifies the radio frequency signals received from the antenna. * **Components:** Low Noise Amplifiers (LNA) and Mixers to down-convert the signal to baseband. #### C. Interface Controllers * **I2C / UART:** Used for control signals, such as changing channels or adjusting video parameters. * **LVDS / MIPI CSI:** High-speed lanes used to transport the raw video data to a display or a secondary processor. --- ### 3. Application Use Cases This specific module is frequently found in the following industrial and consumer setups: 1. **Block Cameras:** Used with Sony's FCB series cameras for wireless video links. 2. **Unmanned Aerial Vehicles (UAVs):** Acts as the ground station receiver for HD FPV (First Person View). 3. **Medical Imaging:** Wireless transmission of endoscope feeds to monitors in an operating room to reduce cable clutter. --- ### 4. Integration Diagram (Simplified) ```mermaid graph LR A[Antenna] --> B[RF Filter/LNA] B --> C[Decoder Chip MP1102] C --> D[LVDS/HDMI Output] E[Microcontroller] -- I2C --> C ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the power consumption requirements for the MP1102-B-RX?
    • ⤷ Which transmitter (TX) modules are compatible with this receiver?
    • ⤷ Does this module support dual-antenna diversity for better signal stability?