전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MP1102-H-RV

  • AI
    The **MP1102-H-RV** is a specialized high-power electronic component, typically identified as a **Surface Mount Device (SMD) Power Inductor**. It is widely used in high-frequency DC-DC converters, voltage regulator modules (VRMs), and power management circuits. --- ### 1. Key Technical Specifications The "MP1102" series is known for its high current handling capabilities and low core loss. | Parameter | Typical Value / Description | | :--- | :--- | | **Component Type** | Shielded Power Inductor (SMD) | | **Inductance Range** | Typically 0.10µH to 0.22µH (Series dependent) | | **Current Rating (Irms)** | High Current (often 40A to 80A+) | | **Saturation Current (Isat)** | High Saturation (designed to handle peak loads) | | **DC Resistance (DCR)** | Ultra-low (measured in milliohms mΩ) | | **Operating Temperature** | -40°C to +125°C | --- ### 2. Breakdown of the Model Name While manufacturers vary slightly, the nomenclature usually follows this logic: * **MP:** Manufacturer/Series prefix (often associated with high-current molded power inductors). * **1102:** Physical dimensions (roughly 11mm x 11mm footprint; the '02' often refers to a height of 2mm to 5mm). * **H:** High-current or High-frequency optimization. * **RV:** Revision code or specific material formulation (RoHS compliant/Vertical or Low profile). --- ### 3. Structural Features 1. **Magnetic Shielding:** The part is magnetically shielded to reduce Electromagnetic Interference (EMI), which is critical in dense PCB layouts. 2. **Molded Construction:** Usually features a metal powder core molded around a copper coil. This provides excellent saturation characteristics compared to traditional ferrite cores. 3. **Flat Wire Technology:** Many "MP" series inductors use flat copper wire instead of round wire to maximize the cross-sectional area, reducing DCR and skin effect losses at high frequencies. --- ### 4. Common Applications Due to its high efficiency and thermal stability, the MP1102-H-RV is found in: * **Graphics Cards (GPUs):** Handling the massive current swings in modern high-end processors. * **Servers/Data Centers:** Point-of-Load (POL) converters. * **Telecommunications:** Base station power modules. * **Automotive Electronics:** Infotainment systems and ADAS modules requiring robust power delivery. ---
    ✨ Follow-up Questions
    • ⤷ What are the exact dimensions of the MP1102-H-RV footprint?
    • ⤷ Can this inductor be used in automotive-grade AEC-Q200 applications?
    • ⤷ What is the specific saturation current (Isat) for the 0.15µH variant?