전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MP1113-A-RX

  • AI
    The **MP1113-A-RX** is an electronic component primarily associated with **RF (Radio Frequency) communication**, specifically serving as a **433MHz Superheterodyne Receiver Module**. These modules are commonly used in wireless remote control systems due to their high sensitivity and stable performance. --- ### 1. Technical Specifications The following table summarizes the key electronic characteristics of the MP1113-A-RX module: | Parameter | Specification | | :--- | :--- | | **Operating Frequency** | 433.92 MHz | | **Modulation Type** | ASK / OOK (Amplitude Shift Keying) | | **Operating Voltage** | 3.3V - 5.5V DC | | **Sensitivity** | -110 dBm (approx.) | | **Current Consumption** | ~5mA | | **Data Rate** | Up to 10 Kbps | | **Architecture** | Superheterodyne | --- ### 2. Core Components and Architecture The "RX" suffix denotes this is a **Receiver** unit. It typically consists of several stages: * **LNA (Low Noise Amplifier):** Amplifies the weak 433MHz signal received by the antenna without adding significant noise. * **Local Oscillator (LO) & Mixer:** In the superheterodyne architecture, the incoming signal is mixed with a local frequency to produce a lower, fixed **Intermediate Frequency (IF)**. This makes the signal easier to filter and demodulate. * **Demodulator:** Extracts the digital data (1s and 0s) from the analog carrier wave. * **Data Slicer:** A comparator circuit that squares the signal into a clean digital waveform compatible with microcontrollers (like Arduino or ESP32). --- ### 3. Pinout Description The module usually features 4 to 5 pins in a standard 2.54mm pitch: 1. **VCC:** Power Supply (3.3V - 5V). 2. **GND:** Ground. 3. **DATA:** Digital output pin (connects to MCU GPIO). 4. **DATA (Secondary):** Often a redundant pin for the same data stream. 5. **ANT:** Solder pad for a 17.3cm wire (1/4 wave antenna). --- ### 4. Application Use Cases * **Remote Keyless Entry (RKE):** Garage door openers and car alarms. * **Smart Home:** Wireless doorbells, remote-controlled sockets, and light switches. * **Security Systems:** Wireless PIR motion sensors and door/window reed switches. * **Industrial Control:** Short-range wireless data telemetry. --- ### 5. Implementation Example To interface this with a microcontroller, you would typically use a library like `RadioHead` or `RCSwitch`. ```cpp // Example: Basic setup for Arduino #include RCSwitch mySwitch = RCSwitch(); void setup() { Serial.begin(9600); // Receiver connected to Interrupt 0 (Pin 2 on most Arduinos) mySwitch.enableReceive(0); } void loop() { if (mySwitch.available()) { Serial.print("Received Value: "); Serial.println(mySwitch.getReceivedValue()); mySwitch.resetAvailable(); } } ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum range of the MP1113-A-RX in an open field?
    • ⤷ How does a superheterodyne receiver differ from a super-regenerative receiver?
    • ⤷ What type of antenna is best suited for 433MHz modules?