전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MP1200-7-RV

  • AI
    ## Overview of the MP1200-7-RV The **MP1200-7-RV** is a specialized power supply component, typically categorized as a **High-Density DC-DC Converter** or a configurable power module (often associated with brands like Vicor or similar modular power systems). These units are designed for rugged applications, including military, industrial, and telecommunications environments. --- ### Key Technical Specifications Below is a breakdown of the typical electronic characteristics found in this series: | Parameter | Typical Value / Description | |:---|:---| | **Input Voltage Range** | 100V to 240V AC (or 250-425V DC for high-voltage versions) | | **Output Voltage** | 7V DC (Nominal) | | **Power Rating** | Up to 1200 Watts (depending on cooling and configuration) | | **Efficiency** | 80% - 92% (Load dependent) | | **Form Factor** | Modular / Chassis Mount | | **Cooling** | Conduction or Forced Air | --- ### Core Electronic Components The "RV" designation often points to specific internal features or ruggedization levels. Here are the primary electronic sub-systems: #### 1. Power Train Architecture * **Switching Regulators:** Uses high-frequency Pulse Width Modulation (PWM) to convert input power efficiently. * **MOSFETs/IGBTs:** High-speed switching transistors that manage the current flow through the primary transformer. * **Planar Transformers:** Often used to achieve high power density in a small physical footprint, providing galvanic isolation between input and output. #### 2. Filtering and Protection Circuits * **EMI/RFI Filtering:** Internal capacitors and inductors (chokes) to prevent electromagnetic interference from leaking back into the power source. * **Over-Voltage Protection (OVP):** Shuts down the module if the output exceeds safe limits (e.g., above 8.5V for a 7V unit). * **Thermal Shutdown:** NTC thermistors monitor internal heat and throttle or cut power if temperatures exceed the safe operating range. #### 3. Control Logic * **Feedback Loop:** Uses optoisolators or magnetic coupling to send voltage status from the output side back to the controller for precise regulation. * **Trim Function:** Allows the end-user to adjust the 7V output slightly (usually ±10%) via a resistor or external voltage. --- ### Application Usage The MP1200-7-RV is commonly integrated into systems requiring: 1. **Logic Power:** Providing high-current 7V rails for specialized sensors or legacy computing boards. 2. **Battery Charging:** Acting as a constant voltage source for specific battery chemistries. 3. **Intermediate Bus Power:** Converting high-line voltage down to a manageable level for further point-of-load (POL) converters. ---
    ✨ Follow-up Questions
    • ⤷ What is the pinout configuration for the MP1200-7-RV control interface?
    • ⤷ Does this module require a specific heatsink for 1200W operation?
    • ⤷ How do I calculate the external resistor value for trimming the output voltage?