전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MP1200-8-RX

  • AI
    ## MP1200-8-RX: Electronic Overview The **MP1200-8-RX** refers to a high-density, multi-channel power system module, typically used in industrial or communication power supplies. It is most commonly associated with **modular AC-DC power supplies** (like the Vicor or Artesyn/Advanced Energy MP series). Below is a breakdown of the electronic components and architecture typically found within this type of module. --- ### 1. Key Technical Specifications | Parameter | Description | | :--- | :--- | | **Input Type** | Wide Range AC Input (typically 85-264VAC) | | **Output Voltage** | Configurable (The "8" often denotes an 8V or Slot 8 configuration) | | **Output Channels** | Multiple (Modular design) | | **Efficiency** | High-efficiency switching (85% - 92%) | | **Form Factor** | Rectifier / Slot-in Module | --- ### 2. Core Electronic Components The "electronic parts" of this unit are organized into several functional stages: #### A. Input Stage (EMI/Filtering) * **MOV (Metal Oxide Varistors):** For surge protection against lightning or line spikes. * **Common Mode Chokes:** To filter out electromagnetic interference (EMI) generated by the switching process. * **Bridge Rectifier:** Converts the incoming AC waveform into high-voltage DC. #### B. Power Factor Correction (PFC) * **PFC Controller IC:** Ensures the current drawn is in phase with the voltage, reducing harmonic distortion. * **Boost Inductor & MOSFETs:** Act as a boost converter to maintain a steady DC bus (usually around 380-400VDC). #### C. DC-DC Conversion (The Modular Heart) * **High-Frequency Transformer:** Provides galvanic isolation between the high-voltage input and the low-voltage output. * **PWM Controller:** Manages the duty cycle of the switching transistors to maintain precise output regulation. * **Output Schottky Diodes or Synchronous Rectifiers:** Used for low-loss rectification on the secondary side of the transformer. #### D. Monitoring and Control (RX Logic) The "**RX**" suffix often implies a communication or remote control interface. * **Optocouplers:** Used to send feedback signals across the isolation barrier without direct electrical contact. * **Microcontroller/Logic Interface:** Allows for remote monitoring of voltage, current, and temperature via I2C, PMBus, or RS485 protocols. --- ### 3. Protection Circuitry The MP1200-8-RX includes several "self-defense" electronic subsystems: 1. **OVP (Over Voltage Protection):** Zener diodes or comparator circuits that shut down the unit if the output voltage exceeds limits. 2. **OTP (Over Temperature Protection):** Thermistors (NTC/PTC) placed on the main heatsink to monitor thermal runaway. 3. **Current Shunt Resistors:** Used to measure real-time load and trigger Over Current Protection (OCP). --- ### 4. Summary of Architecture ```mermaid graph LR AC_In --> EMI_Filter EMI_Filter --> PFC_Stage PFC_Stage --> DC_Bus DC_Bus --> High_Freq_Switching High_Freq_Switching --> Transformer Transformer --> Rectification Rectification --> DC_Out ```
    ✨ Follow-up Questions
    • ⤷ What is the exact pinout for the MP1200-8-RX communication interface?
    • ⤷ Can this module be operated in parallel with other modules for higher current?
    • ⤷ What are the common failure points in the PFC stage of this power supply?