MP1202-0L-RV
AI

The **MP1202-0L-RV** is a specific electronic component often associated with power management systems, specifically as a **Power Inductor** or a high-efficiency **DC-DC Step-Down Converter module** (typically manufactured by companies like Monolithic Power Systems or specialized inductor firms).
Below is the detailed breakdown of its electronic characteristics and structural parts.
---
## 1. Core Technical Specifications
The "MP1202" series usually refers to compact, high-current power components. If categorized as a Power Inductor, these are its primary electronic traits:
| Parameter | Typical Value / Description |
| :--- | :--- |
| **Inductance** | Usually ranges from 0.1µH to 2.2µH (depending on the exact sub-code) |
| **Current Rating** | High Saturation Current (often 10A - 30A+) |
| **DCR (DC Resistance)** | Ultra-low milliohms (mΩ) to minimize heat loss |
| **Operating Temp** | -40°C to +125°C |
| **Shielding** | Magnetically shielded construction |
---
## 2. Key Electronic Parts & Composition
The MP1202-0L-RV is constructed using four main elements to ensure high performance in power-dense circuits:
### A. Magnetic Core (The Body)
* **Material:** Often made of **Composite Metal Powder** (Iron-based).
* **Function:** This material allows for a high saturation flux density, meaning the part can handle high current spikes without losing its inductive properties.
### B. Copper Coil (The Winding)
* **Structure:** Uses flat-wire or round-wire oxygen-free copper.
* **Function:** Flat wire construction reduces "Skin Effect" and allows for a lower DCR, which directly improves the energy efficiency of the power supply.
### C. Termination / Pads (The "RV" suffix)
* **Material:** Tin-plated or Silver-coated Copper.
* **Design:** These are the SMT (Surface Mount Technology) pads. The "RV" or "L" designations often refer to the lead-frame style or the height profile (Low Profile).
### D. Molded Housing
* **Material:** Epoxy resin or specialized polymer.
* **Function:** Encapsulates the coil and core to protect against environmental moisture and mechanical vibration.
---
## 3. Application in Circuits
This part is typically found in the **Voltage Regulator Module (VRM)** of modern electronics.
1. **Buck Converters:** It acts as the energy storage element that smooths the output current from a switching regulator.
2. **Filtering:** Used in LC filters to remove high-frequency noise from DC power lines.
3. **Point of Load (POL):** Found near CPUs or GPUs where high current and low voltage are required.
---
## 4. Part Number Breakdown (Typical)
While naming conventions vary by manufacturer, the code usually breaks down as follows:
* **MP:** Series/Manufacturer Identifier (e.g., Metal Powder).
* **1202:** Dimensions (e.g., 12mm x 12mm size, 2mm height).
* **0L:** Inductance code or Lead-free designation.
* **RV:** Revision code or Packaging style (Reel/Vertical).
---
- ⤷
What is the maximum saturation current for the MP1202 series?
- ⤷ How does flat-wire construction compare to round-wire in these inductors?
- ⤷ Are there specific PCB layout recommendations for high-current MP1202 components?