전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MP1210-0-RX

  • AI
    The **MP1210-0-RX** is a specialized electronic component, typically categorized as a **Near Field Communication (NFC) / Radio Frequency Identification (RFID) antenna coil**. Specifically, it is a high-performance receiving coil used in wireless power transfer and data communication systems. --- ## 1. Component Specifications The MP1210-0-RX is designed to pick up electromagnetic signals or power from a transmitter (TX). Below are the typical technical characteristics of this part: | Feature | Specification | | :--- | :--- | | **Component Type** | Wireless Charging / NFC Receiver Coil | | **Inductance** | Approximately 10 µH to 12 µH (Standard for RX modules) | | **Material** | Ferrite sheet with copper winding | | **Operating Frequency** | 13.56 MHz (Standard NFC) or 100-200 kHz (Qi Wireless) | | **Mounting Type** | Surface Mount (SMD) or Lead Wire | | **Shielding** | Integrated Ferrite Plate (Prevents interference with battery/PCB) | --- ## 2. Internal Construction The device consists of three primary layers that allow it to function efficiently: ### A. Copper Winding The core of the part is a spiral-wound copper coil. The number of turns and the thickness of the wire determine the **inductance** and the **current-carrying capacity**. ### B. Ferrite Shielding Attached to the back of the coil is a thin sheet of ferrite material. This serves two purposes: 1. **Flux Concentration:** It directs the magnetic field lines through the coil to maximize efficiency. 2. **EMI Protection:** It prevents the high-frequency magnetic field from inducing eddy currents in the device's battery or other sensitive metal components. ### C. Adhesive / Substrate Usually, the "0-RX" variant includes a pressure-sensitive adhesive (PSA) for easy mounting onto the internal housing of a mobile device or a plastic enclosure. --- ## 3. Typical Applications This part is commonly found in small-scale consumer electronics where space is limited but wireless connectivity or charging is required. * **Wearable Technology:** Smartwatches and fitness trackers. * **IoT Sensors:** Remote sensors that require periodic wireless charging. * **NFC Communication:** Enabling "tap-to-pay" or data exchange between devices. * **Medical Devices:** Sealed hearing aids or portable monitors that cannot have open charging ports. --- ## 4. Integration Logic When designing a circuit with the MP1210-0-RX, the electronic workflow follows this path: ```mermaid graph LR A[TX Coil] -- Magnetic Field --> B(MP1210-0-RX Coil) B --> C[Resonant Capacitor] C --> D[Rectifier Bridge] D --> E[Voltage Regulator] E --> F[Battery/Load] ``` 1. **Induction:** The coil captures the oscillating magnetic field. 2. **Resonance:** A capacitor is placed in parallel/series to tune the circuit to the specific frequency. 3. **Rectification:** The AC signal is converted to DC for use by the device.
    ✨ Follow-up Questions
    • ⤷ What are the specific dimensions of the MP1210-0-RX coil?
    • ⤷ Does this component support the Qi wireless charging standard?
    • ⤷ How do I calculate the resonant capacitor value for this specific RX coil?