전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MP1212-5L-RV

  • AI
    The **MP1212-5L-RV** is a specialized electronic component, typically identified as a high-performance **common mode choke** or a **power inductor/filter** module often used in automotive and industrial power electronics. These components are designed to suppress electromagnetic interference (EMI) and manage power stability in high-current environments. --- ### 1. Key Technical Specifications Below are the typical parameters for this class of electronic part: | Parameter | Typical Value | Notes | | :--- | :--- | :--- | | **Inductance** | 1.2 mH to 12 mH | Varies based on specific winding configuration | | **Current Rating** | 5A - 12A | High current handling capability | | **Mounting Type** | Through-Hole (THT) | Often features 4 or 5 pins for stability | | **Core Material** | Ferrite / Nanocrystalline | Optimized for high permeability | | **Operating Temp** | -40°C to +125°C | Automotive grade durability | --- ### 2. Functional Breakdown The MP1212-5L-RV consists of several critical electronic sub-parts: #### A. The Magnetic Core The "heart" of the component. It uses high-permeability ferrite material to concentrate magnetic flux. This allows the part to filter out high-frequency noise without saturating under heavy DC loads. #### B. Copper Windings (Bifilar/Sector) The part uses heavy-gauge enamelled copper wire. In a "5L" configuration, this often implies a specific lead (pin) layout or a 5-pin base design. The windings are balanced to ensure that "common mode" noise is cancelled out while "differential mode" signals pass through. #### C. The Base/Header (RV series) The **RV** designation often refers to the physical orientation (Vertical) and the ruggedized base. - **Flame Retardancy:** Usually UL94V-0 rated plastic. - **Vibration Resistance:** Designed to withstand mechanical stress in automotive environments. --- ### 3. Applications This component is primarily found in the following electronic systems: 1. **Switch Mode Power Supplies (SMPS):** Used at the input stage to prevent noise from the power supply from leaking back into the mains grid. 2. **EV Charging Stations:** Managing high-current filtration in On-Board Chargers (OBC). 3. **DC-DC Converters:** Smoothing output ripples in industrial motor drives. 4. **LED Lighting Drivers:** Reducing flicker and EMI compliance issues. --- ### 4. Circuit Symbol and Implementation In a schematic, this part is represented as two coupled inductors on a single core. ```text Line In o---( Coil 1 )---o Line Out ) ) Neutral o---( Coil 2 )---o Neutral Out Core ```
    ✨ Follow-up Questions
    • ⤷ What is the pinout configuration for the MP1212-5L-RV?
    • ⤷ How does a common mode choke differ from a standard inductor in a circuit?
    • ⤷ What are the specific EMI standards this component helps meet (e.g.
    • ⤷ CISPR 25)?