전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MP1223-3L-RX

  • AI
    The **MP1223-3L-RX** is a specialized high-performance electronic component, typically categorized as a **Surface Mount Device (SMD) Power Inductor** or a multi-phase coupled inductor module, often used in high-efficiency DC-DC converters and Voltage Regulator Modules (VRMs). --- ### 1. Key Technical Specifications The "3L" in the part number often denotes the number of phases or windings (3 loops/phases). Below is a general technical profile for this class of component: | Feature | Description | | :--- | :--- | | **Component Type** | Power Inductor / Coupled Inductor | | **Inductance Value** | Typically ranges from 50nH to 200nH per phase | | **Saturation Current** | High (often >30A per phase) | | **Mounting Type** | Surface Mount (SMD/SMT) | | **Operating Temp** | -40°C to +125°C | | **Material** | Ferrite Core with low core loss | --- ### 2. Physical & Material Composition * **Core Material:** Uses high-frequency ferrite materials designed to minimize core losses at switching frequencies above 500kHz. * **Termination:** Lead-free (RoHS compliant) terminals, usually with tin plating for reliable reflow soldering. * **Structure:** A multi-winding structure within a single magnetic body. This allows for "magnetic coupling" between phases, which improves transient response in CPUs and GPUs. --- ### 3. Application Areas This component is designed for high-density power applications where space and efficiency are critical: 1. **Computing:** VCore power supplies for Intel/AMD processors. 2. **Graphics:** Power delivery for high-end NVIDIA/AMD GPUs. 3. **Data Centers:** Multi-phase buck converters for servers and networking switches. 4. **Telecom:** High-current Point-of-Load (PoL) regulators. --- ### 4. Circuit Diagram Representation In a typical schematic, the MP1223-3L-RX acts as the energy storage element between the switching MOSFETs and the output capacitor. ```mermaid graph LR A[PWM Controller] --> B[MOSFET Driver] B --> C[MP1223-3L-RX Inductor] C --> D[Output Capacitor] D --> E[CPU/Load] ``` --- ### 5. Selection Considerations * **DCR (DC Resistance):** Lower DCR is preferred to reduce heat generation and improve efficiency. * **Isat (Saturation Current):** The current at which the inductance drops by a specific percentage. It must be higher than the peak ripple current. * **Footprint:** Ensure the PCB layout matches the specific dimensions (usually measured in mm, e.g., 12x10mm).
    ✨ Follow-up Questions
    • ⤷ What is the exact inductance value and DC resistance for the MP1223-3L-RX?
    • ⤷ Can this part be substituted with a discrete 3-inductor setup?
    • ⤷ What is the recommended reflow soldering profile for this SMD component?