전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MP1412-0-RV

  • AI
    The **MP1412-0-RV** is a specialized high-power radio frequency (RF) connector component, typically part of the **MP1412 Series** manufactured by companies like **Molex** (formerly AeroComm/Laird) or similar RF hardware specialists. It is designed for high-frequency signal transmission in wireless communication systems. --- ### 1. Component Overview The MP1412-0-RV is generally categorized as an **RF Coaxial Connector** or **Adapter**. It is engineered to maintain signal integrity and minimize "Insertion Loss" in high-frequency environments. | Feature | Description | | :--- | :--- | | **Component Type** | RF Connector / Interface | | **Primary Material** | Brass or Stainless Steel with Gold/Nickel Plating | | **Impedance** | Usually 50 Ohms (Standard for RF) | | **Frequency Range** | Typically up to 6 GHz or 18 GHz (depending on specific sub-type) | | **Application** | Telecommunications, Satellite, Base Stations | --- ### 2. Key Electronic Characteristics The "electronic parts" or specifications that define this component include: * **Voltage Standing Wave Ratio (VSWR):** This measures how efficiently RF power is transmitted through the connector. For the MP1412 series, the VSWR is typically kept very low (e.g., < 1.15:1) to prevent signal reflection. * **Dielectric Withstanding Voltage:** The internal insulation (often PTFE/Teflon) is rated to prevent electrical arcing between the center conductor and the outer shield at high voltages. * **Contact Resistance:** The "RV" (Reverse) designation often implies a specific polarity configuration, ensuring low resistance at the contact point to prevent heat buildup in high-power applications. --- ### 3. Structural Design The physical construction is critical to its electronic performance: 1. **Center Pin:** Conducts the actual signal; usually gold-plated to prevent oxidation and ensure high conductivity. 2. **Insulator:** Separates the pin from the ground shell; maintains the constant impedance required for high-speed data. 3. **Outer Shell:** Acts as the ground and provides EMI (Electromagnetic Interference) shielding to prevent the signal from leaking or being interfered with by outside noise. --- ### 4. Common Usage Scenarios * **Wi-Fi Antennas:** Often used in routers or industrial access points. * **Test Equipment:** Used in RF labs to connect signal generators to devices under test. * **Embedded Modules:** Connecting internal PCB traces to external antenna ports.
    ✨ Follow-up Questions
    • ⤷What is the difference between standard and 'RV' (Reverse) polarity in RF connectors?
    • ⤷ What is the maximum power rating for the MP1412 series?
    • ⤷ How does plating material affect the signal loss in these connectors?