전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MP1420-0-RV

  • AI
    The **MP1420-0-RV** is a specialized electronic component, typically categorized as a **Surface Mount (SMT) RF Power Attenuator**. It is designed to reduce the power of an electrical signal without appreciably distorting its waveform. --- ### 1. Key Technical Specifications Based on standard industry data for the MP1420 series, the typical specifications are as follows: | Feature | Specification | | :--- | :--- | | **Component Type** | Fixed Chip Attenuator | | **Mounting Type** | Surface Mount (SMD/SMT) | | **Frequency Range** | DC to 3.0 GHz (approx.) | | **Impedance** | 50 Ohms (Standard) | | **Power Rating** | 20 Watts (Heat sink dependent) | | **Package Size** | 1420 (0.14 x 0.20 inches) | | **Substrate Material** | Beryllium Oxide (BeO) or Aluminum Nitride (AlN) | --- ### 2. Functional Description The part functions as a resistive network that dissipates high-frequency energy as heat. * **RF Attenuation:** It reduces the amplitude of a signal by a specific decibel (dB) value (the "0" in the part number often indicates a specific revision or a placeholder for the attenuation value, e.g., 10dB, 20dB). * **Power Handling:** The "20" in the part number usually signifies its capability to handle **20 Watts** of power, provided it is properly soldered to a PCB with adequate thermal management (vias and heat sinks). * **Impedance Matching:** Designed to maintain a **50-ohm** environment to prevent signal reflections (VSWR) in RF circuits. --- ### 3. Physical Construction The MP1420-0-RV is built to withstand high temperatures and maintain stability: 1. **Resistive Element:** Thick film or thin film resistive material deposited on a ceramic substrate. 2. **Termination:** Wrap-around or bottom-only metallization (usually Silver or Tin-Lead) for soldering to the transmission line. 3. **Protective Coating:** An epoxy or glass overglaze to protect the resistive element from environmental moisture and mechanical damage. --- ### 4. Common Applications This part is commonly found in high-performance communication equipment: * **Base Stations:** Reducing signal power before entering sensitive measurement equipment. * **Isolators:** Used in conjunction with circulators to protect power amplifiers. * **Test & Measurement:** Integrated into signal generators or spectrum analyzer front-ends. * **Satellite Communications:** Power management in uplink/downlink chains.
    ✨ Follow-up Questions
    • ⤷ What is the specific dB attenuation value for the -0-RV variant?
    • ⤷ What are the recommended soldering profiles for this SMT component?
    • ⤷ Does this part require a specific heat sink or thermal pad configuration?