전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MP1423-0-RX

  • AI
    The **MP1423-0-RX** is a specific electronic component, typically categorized as a high-frequency, synchronous rectified, step-down (Buck) switch-mode converter. It is designed to provide a highly efficient solution for power regulation in compact electronic devices. --- ### 1. Key Technical Specifications The following table summarizes the primary electrical characteristics of the MP1423 series: | Parameter | Typical Value | | :--- | :--- | | **Input Voltage Range** | 4.75V to 28V | | **Output Current** | Up to 3A | | **Switching Frequency** | 385 kHz | | **Efficiency** | Up to 93% | | **Package Type** | SOIC-8 (Small Outline Integrated Circuit) | | **Operating Temperature** | -40°C to +85°C | --- ### 2. Functional Components & Internal Logic To understand how the MP1423-0-RX operates, it is helpful to look at its internal architectural "parts": 1. **Internal MOSFETs:** It integrates a high-side power MOSFET. In some variants, it uses synchronous rectification to replace the external Schottky diode, increasing efficiency. 2. **Error Amplifier:** Compares the feedback voltage from the output against an internal 1.22V reference to maintain stable output. 3. **Soft-Start Circuit:** Prevents current spikes during startup by gradually increasing the output voltage. 4. **Protection Suite:** * **Cycle-by-cycle Over Current Protection (OCP):** Shuts down the switch if current exceeds limits. * **Thermal Shutdown:** Turns off the chip if the internal temperature exceeds 150°C. * **Under Voltage Lockout (UVLO):** Ensures the chip only operates when the input voltage is stable. --- ### 3. Application Circuit Example A typical implementation requires a few external "passive" electronic parts to function: ```yaml Components Required: - Input Capacitor (C1): Usually 10µF ceramic for stability. - Output Inductor (L1): Typically 10µH to 22µH to store energy. - Output Capacitor (C2): Low ESR (22µH - 100µH) to reduce ripple. - Feedback Resistors (R1, R2): Set the specific output voltage level. ``` --- ### 4. Common Use Cases * **Distributed Power Systems:** Converting a 12V or 24V bus down to 5V or 3.3V. * **Networking Equipment:** Powering routers, switches, and modems. * **FPGA/DSP Power Supplies:** Providing high-current, low-voltage rails for processors.
    ✨ Follow-up Questions
    • ⤷ What are the pin configurations for the SOIC-8 package of the MP1423?
    • ⤷ How do I calculate the feedback resistors for a specific output voltage?
    • ⤷ What are the primary differences between the MP1423 and the MP2307?