전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MP1602-A2-RX

  • AI
    The **MP1602-A2-RX** is an integrated circuit (IC) primarily used in wireless communication and RF (Radio Frequency) remote control systems. It typically functions as a specialized **OOK/ASK Superheterodyne Receiver** module or IC, often found in automotive security, smart home systems, and wireless data transmission. --- ### 1. Key Technical Specifications The following table outlines the typical electrical characteristics of the MP1602-A2-RX series: | Feature | Specification | | :--- | :--- | | **Operating Voltage** | 3.0V to 5.5V DC | | **Operating Frequency** | 315MHz / 433.92MHz (Common variants) | | **Modulation Type** | ASK / OOK (Amplitude Shift Keying) | | **Receiver Sensitivity** | -105 dBm to -110 dBm | | **Supply Current** | ~3.5mA to 5mA (Active mode) | | **Data Rate** | Up to 10 Kbps | | **Operating Temperature** | -40°C to +85°C | --- ### 2. Functional Components The IC is a "System-on-Chip" style receiver that integrates several stages of radio processing: 1. **LNA (Low Noise Amplifier):** Amplifies the weak RF signal received from the antenna without adding significant noise. 2. **Mixer & Local Oscillator:** Converts the high-frequency RF signal down to an Intermediate Frequency (IF). 3. **IF Filter:** Provides selectivity to ensure only the desired frequency band is processed, rejecting interference. 4. **Data Slicer:** Converts the analog signal back into a digital square wave (TTL/CMOS compatible) for a microcontroller to read. --- ### 3. Pinout and Integration While pin configurations can vary by package (e.g., SOP-8 or module form), the standard integration involves: * **ANT:** Connection point for a 1/4 wave wire antenna. * **VCC/GND:** Power supply pins. * **DATA:** Digital output pin that sends the demodulated signal to the MCU (Arduino, STM32, etc.). * **ENABLE/SHDN:** (Optional) Puts the chip into low-power sleep mode. --- ### 4. Typical Applications * **TPMS:** Tire Pressure Monitoring Systems. * **RKE:** Remote Keyless Entry for vehicles. * **Home Automation:** Wireless light switches and garage door openers. * **Security:** Wireless alarm sensors and PIR detectors. --- ### 5. Implementation Example To interface the MP1602-A2-RX with a microcontroller, use the following logic: ```cpp // Basic Arduino snippet to read data from the RX module int rxPin = 2; // Connect DATA pin of MP1602 to Digital Pin 2 void setup() { pinMode(rxPin, INPUT); Serial.begin(9600); } void loop() { int dataState = digitalRead(rxPin); // Process the pulse width or send to a library like RadioHead if (dataState == HIGH) { // Logic for decoding ASK signal } } ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum range achievable with the MP1602-A2-RX using a standard antenna?
    • ⤷ How does ASK modulation differ from FSK in the context of this receiver?
    • ⤷ Which software libraries are recommended for decoding signals from this IC?