전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MP1613-A2-RX

  • AI
    The **MP1613-A2-RX** is a specialized high-frequency, synchronous rectified, step-down (buck) switch-mode converter. It is designed by Monolithic Power Systems (MPS) to provide a compact solution with integrated internal power MOSFETs. --- ## 1. Core Technical Specifications | Parameter | Specification | | :--- | :--- | | **Input Voltage Range** | 4.5V to 16V | | **Output Current** | Up to 3A | | **Switching Frequency** | ~1.3 MHz (Fixed) | | **Feedback Voltage** | 0.8V ±1% | | **Package Type** | SOT23-6 | | **Control Mode** | Constant On-Time (COT) | --- ## 2. Key Internal Components ### A. Integrated MOSFETs Unlike older buck converters that require an external Schottky diode, the MP1613 features **Synchronous Rectification**. It contains both a High-Side and a Low-Side MOSFET internally. This increases efficiency significantly by reducing conduction losses. ### B. COT (Constant On-Time) Control The device uses a COT control scheme which provides: * **Fast Transient Response:** It reacts almost instantly to changes in load without the delays typical of fixed-frequency PWM controllers. * **Simplified Compensation:** It often eliminates the need for complex external compensation networks, saving PCB space. ### C. Protection Circuitry The chip integrates several safety layers: 1. **Over-Current Protection (OCP):** Limits the peak current to prevent damage during a short circuit. 2. **Thermal Shutdown:** Shuts the device down if the internal die temperature exceeds safe limits. 3. **Under-Voltage Lockout (UVLO):** Ensures the chip only operates when the input voltage is high enough to drive the MOSFETs reliably. --- ## 3. Typical Application Circuit Components When integrating this part, you will typically find these supporting electronic components: | Component | Function | | :--- | :--- | | **Inductor (L1)** | Stores energy during the "on" cycle and releases it during "off". Usually 1.0µH to 4.7µH. | | **Input Capacitor (Cin)** | Reduces voltage ripples at the input; typically low ESR ceramic capacitors. | | **Output Capacitor (Cout)** | Smooths the output voltage and provides energy during load transients. | | **Feedback Resistors (R1, R2)** | A voltage divider used to set the desired output voltage level. | | **BST Capacitor** | Provides the drive voltage for the High-Side MOSFET gate. | --- ## 4. Pin Configuration (SOT23-6) ```text Pin 1: BST - Bootstrap. Connection for the high-side gate drive capacitor. Pin 2: GND - Ground. Pin 3: SW - Switch Node. Connection to the inductor. Pin 4: VIN - Input Supply Voltage. Pin 5: EN - Enable. High to turn on, low to turn off. Pin 6: FB - Feedback. Sets the output voltage. ```
    ✨ Follow-up Questions
    • ⤷ What are the main advantages of COT control over PWM in this chip?
    • ⤷ How do I calculate the feedback resistor values for a 3.3V output?
    • ⤷ What is the maximum efficiency rated for the MP1613?