전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MP1613-AD-RX

  • AI
    The **MP1613-AD-RX** is a high-frequency, synchronous, rectified, step-down (buck) switch-mode converter with built-in internal power MOSFETs. It is designed to provide a very compact solution to achieve a continuous output current over a wide input supply range. --- ### 1. Key Technical Specifications The following table highlights the primary electrical characteristics of the MP1613 series: | Parameter | Specification | | :--- | :--- | | **Input Voltage Range** | 4.5V to 16V | | **Output Current** | Up to 3A | | **Switching Frequency** | 1.3MHz (High frequency for small inductors) | | **Feedback Voltage** | 0.8V (Adjustable via external resistors) | | **Efficiency** | Up to 95% | | **Package Type** | SOT23-6 | --- ### 2. Core Functional Components The "RX" suffix typically refers to specific packaging or minor revisions in the MPS (Monolithic Power Systems) lineup. Internally, the chip consists of: * **Synchronous Rectifier:** Unlike standard buck converters that use an external Schottky diode, the MP1613 integrates a low-side MOSFET. This reduces power loss and increases efficiency. * **AAM (Advanced Arching Mode):** This feature optimizes efficiency during light-load conditions by reducing switching losses. * **Internal Soft-Start:** Prevents inrush current during power-up, protecting the delicate electronic components downstream. * **Protection Circuitry:** Includes Over-Current Protection (OCP), Thermal Shutdown, and Under-Voltage Lockout (UVLO). --- ### 3. Pin Configuration (SOT23-6) To integrate this part into a PCB, the following pinout is standard: 1. **GND:** Ground. 2. **SW:** Switch Output (connected to the inductor). 3. **VIN:** Input Supply voltage. 4. **FB:** Feedback input (used to set the output voltage). 5. **EN:** Enable (Logic high to turn on). 6. **BST:** Bootstrap (requires a capacitor to drive the high-side gate). --- ### 4. Typical Application Circuit The MP1613 requires a minimal number of external components: ```mermaid graph LR Vin[Input Voltage] --> C1[Input Cap] C1 --> IC[MP1613] IC --> L1[Inductor] L1 --> C2[Output Cap] C2 --> Vout[Regulated Output] IC -.-> R1[Resistor Divider] R1 -.-> IC ``` --- ### 5. Common Use Cases * **Digital Set-top Boxes:** Converting 12V adapter power to 3.3V or 1.2V. * **Flat Panel Television/Monitors:** High-efficiency localized power regulation. * **Networking Systems:** Providing stable power for routers and switches. * **Distributed Power Systems:** Point-of-Load (PoL) regulation.
    ✨ Follow-up Questions
    • ⤷ How do I calculate the resistor values for a specific output voltage on the MP1613?
    • ⤷ What are the thermal considerations when running the MP1613 at its maximum 3A current?
    • ⤷ Can the MP1613 be used with an input voltage higher than 16V?