전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MP1622-AB-RX

  • AI
    The **MP1622-AB-RX** is a specialized, high-efficiency step-down (buck) converter chip manufactured by **Monolithic Power Systems (MPS)**. It is primarily used in industrial and telecommunications applications due to its high voltage rating and compact design. --- ### 1. Key Technical Specifications The MP1622 is designed to provide stable DC-DC conversion with integrated power MOSFETs. | Parameter | Specification | | :--- | :--- | | **Input Voltage Range** | 4.5V to 100V | | **Output Current** | Up to 150mA (standard variant) | | **Switching Frequency** | Fixed/Adjustable (Internal) | | **Quiescent Current** | Low power consumption in standby | | **Package Type** | SOT23-6 or similar compact surface-mount | --- ### 2. Core Functional Parts The internal circuitry of the MP1622 consists of several critical stages: 1. **High-Side MOSFET:** An integrated power switch that can withstand up to 100V, eliminating the need for an external transistor. 2. **Internal LDO:** Provides a regulated internal voltage to power the chip's own control logic from the high-voltage input. 3. **Error Amplifier:** Compares the output voltage (via the FB pin) against an internal 0.8V reference to maintain regulation. 4. **PWM Control Logic:** Uses Peak Current Mode control to manage the timing of the switch for high efficiency and fast transient response. 5. **Protection Circuits:** Includes Under-Voltage Lockout (UVLO), Thermal Shutdown, and Over-Current Protection (OCP). --- ### 3. Pinout Description The "AB" and "RX" suffixes usually denote specific packaging and reel orientations. Below is the typical pin configuration for this series: * **VIN:** Input supply voltage (4.5V to 100V). * **GND:** Ground reference. * **SW:** Switch Node (Connects to the external inductor). * **FB:** Feedback pin (Connected to a resistor divider to set the output voltage). * **BST:** Bootstrap pin (Provides drive voltage for the high-side gate). * **EN:** Enable pin (Drive high to turn on the device). --- ### 4. Typical Application Diagram To function, the MP1622 requires minimal external components: ```text Input (VIN) ----[ C_in ]---- (MP1622) ----[ Inductor ]----+---- Output (VOUT) | | +-------[ Resistor Divider ] | (to FB Pin) GND ``` --- ### 5. Suffix Identification * **AB:** Often refers to a specific version of the internal logic or voltage threshold. * **RX:** Generally indicates the Tape and Reel packaging specification for automated assembly.
    ✨ Follow-up Questions
    • ⤷ What are the typical applications for a 100V buck converter like the MP1622?
    • ⤷ How do I calculate the resistor values for the FB pin to get a 5V output?
    • ⤷ What is the maximum thermal dissipation for the SOT23-6 package version?