전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MP220B-R100-J

  • AI
    The **MP220B-R100-J** is a high-precision, high-power **Power Film Resistor** typically manufactured by companies like RCD Components. These components are designed for applications requiring high stability, low inductance, and significant power dissipation in a compact footprint. --- ### 1. Technical Specifications Table | Parameter | Value / Specification | | :--- | :--- | | **Component Type** | Power Film Resistor (TO-220 Style) | | **Resistance Value** | 0.100 $\Omega$ (100 m$\Omega$) | | **Tolerance** | $\pm5\%$ (indicated by the 'J' suffix) | | **Power Rating** | Up to 20W - 35W (depending on heat sinking) | | **Package / Case** | TO-220 (2-leaded) | | **Temperature Coefficient** | $\pm100$ ppm/°C (typical) | | **Construction** | Metal Film / Thick Film on Alumina Substrate | --- ### 2. Breakdown of the Part Number * **MP220B**: The series designation. "MP" stands for Metal Power, and "220" refers to the **TO-220** transistor-style package. * **R100**: The resistance value. The "R" acts as a decimal point for Ohms. `R100` = **0.100 $\Omega$**. * **J**: The tolerance code. In the EIA standard, **J** represents **$\pm5\%$**. --- ### 3. Key Electronic Characteristics * **Non-Inductive Design**: Because it uses film technology rather than wire-wound construction, it has negligible inductance. This makes it ideal for high-speed switching and high-frequency applications. * **Thermal Management**: The TO-220 package allows the resistor to be bolted directly to a heatsink. Without a heatsink, the power rating drops significantly (usually to around 1W–2W). * **High Power Density**: It provides a very small footprint relative to the amount of power it can handle, saving space on Printed Circuit Boards (PCBs). --- ### 4. Common Applications 1. **Current Sensing**: The low resistance (0.1 $\Omega$) is perfect for measuring current flow in power supplies by monitoring the voltage drop across the resistor. 2. **Snubber Circuits**: Used to suppress voltage spikes in switching power supplies. 3. **Gate Drive Resistors**: Used in large motor drives to control the switching speed of IGBTs or MOSFETs. 4. **Dummy Loads**: Used for testing small power circuits. --- ### 5. Implementation Example (Schematic Logic) When using this as a current sense resistor, the connection usually follows this logic: ```text [Power Source] ----+---- [Load] ----+---- [GND] | | +--[MP220B]------+ | (Voltage drop measured here) ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum power rating for this resistor without an external heatsink?
    • ⤷ How does the 'J' tolerance compare to 'F' or 'G' ratings in this series?
    • ⤷ Can this resistor be used in AC high-frequency pulse applications?