전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MP220P-R10-C

  • AI
    The **MP220P-R10-C** is a high-precision, industrial-grade current sensing component, typically classified as a **Precision Shunt Resistor** or a **Current Sense Resistor**. It is designed for applications requiring high stability and low resistance values to monitor electrical current in power electronic circuits. --- ### 1. Technical Specifications Based on standard nomenclature for this series, here are the primary electronic characteristics: | Parameter | Specification (Typical) | | :--- | :--- | | **Component Type** | Power Shunt / Current Sense Resistor | | **Resistance Value** | 0.10 $\Omega$ (indicated by "R10") | | **Tolerance** | $\pm$1% (standard for C-suffix in many series) | | **Power Rating** | 20W to 50W (depending on heatsink configuration) | | **Package Type** | TO-220 Style (Leaded Power Package) | | **Temperature Coefficient** | Low PPM/°C (typically <50ppm) | --- ### 2. Breakdown of the Part Number The alphanumeric code provides specific details about the component's construction: * **MP220**: Refers to the physical form factor, which is the **TO-220** power package. This package features a metal tab for mounting to a heatsink. * **P**: Often denotes the pin configuration or a specific plating material (standard radial leads). * **R10**: Represents the resistance value. In electronic coding, "R" acts as the decimal point. Therefore, **R10 = 0.10 $\Omega$**. * **C**: Typically indicates the **Resistance Tolerance**. In many precision series, 'C' represents $\pm$0.25% or $\pm$1% depending on the specific manufacturer's datasheet (e.g., Caddock or Vishay). --- ### 3. Key Electronic Features * **Non-Inductive Design:** These resistors are usually "non-inductive," making them ideal for high-speed switching power supplies and high-frequency applications where parasitic inductance would cause signal noise. * **Thermal Management:** Because it is in a TO-220 package, the part is designed to be bolted to an aluminum heatsink. Without a heatsink, the power rating drops significantly (usually to around 2.25W). * **Kelvin Connection Capability:** While this specific part has two leads, it is often used in circuits designed for "4-terminal" sensing to eliminate lead resistance errors. --- ### 4. Common Applications This part is commonly found in the following electronic environments: 1. **Switch Mode Power Supplies (SMPS):** Used to sense output current for feedback loops. 2. **Motor Control:** Monitoring the phase current of electric motors to prevent over-current conditions. 3. **Battery Management Systems (BMS):** Measuring charge and discharge cycles. 4. **Test Equipment:** Serving as a precision load for electronic calibration. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum wattage rating of the MP220P-R10-C when mounted to a heatsink?
    • ⤷ How does the tolerance of a 'C' suffix compare to an 'F' suffix in this resistor series?
    • ⤷ Can this resistor be used in AC current sensing applications?