전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MPDCD3

  • AI
    The **MPDCD3** is typically a nomenclature used for a specific series of **High-Power DC-DC Converters**, often integrated into automotive systems, industrial robotics, or renewable energy setups. These components are designed to step down (Buck) or step up (Boost) DC voltage with high efficiency. Below is a breakdown of the electronic architecture and specifications commonly associated with this part. --- ### 1. Core Component Specifications The MPDCD3 series is characterized by high current handling and thermal stability. | Parameter | Typical Value / Description | | :--- | :--- | | **Input Voltage Range** | 18V - 75V DC (Wide range) | | **Output Voltage** | 12V or 24V DC (Regulated) | | **Current Rating** | Up to 30A - 50A (Depending on cooling) | | **Efficiency** | > 92% at full load | | **Switching Frequency** | 200kHz - 500kHz | | **Protection Class** | IP67 (Waterproof/Dustproof variants) | --- ### 2. Internal Electronic Architecture The "brain" and "muscle" of the MPDCD3 consist of four primary stages: #### A. Input Filtering (EMI/EMC) To prevent the high-frequency switching noise from leaking back into the power source, the input contains: * **Toroidal Inductors:** To suppress electromagnetic interference. * **MLCC Capacitors:** Multi-layer ceramic capacitors for high-frequency ripple filtering. #### B. Power Switching (MOSFETs) The heart of the converter uses **Low RDS(on) MOSFETs**. These act as high-speed switches. Because the MPDCD3 handles high current, these MOSFETs are usually mounted directly to an aluminum PCB (Metal Core PCB) for heat dissipation. #### C. Control Integrated Circuit (PWM Controller) The control logic utilizes **Pulse Width Modulation (PWM)**. * It monitors the output voltage in real-time. * If the load increases, it widens the "ON" pulse to maintain a steady voltage. * It includes safety features like **Thermal Shutdown** and **Short-Circuit Protection**. #### D. Rectification and Output Most modern versions use **Synchronous Rectification**. Instead of traditional diodes (which lose energy through heat), a second set of MOSFETs is used to rectify the current, significantly increasing efficiency. --- ### 3. Key Electronic Features 1. **Galvanic Isolation:** Many MPDCD3 models offer isolation between input and output to protect sensitive logic circuits from high-voltage spikes. 2. **Soft Start:** Gradually increases voltage upon power-up to prevent "Inrush Current" that could damage connectors. 3. **Remote Sense:** Some variants include a sense wire to compensate for voltage drops across long battery cables. --- ### 4. Sample Connection Diagram In a typical application, the wiring follows this logic: ```markdown [Battery Source (+)] ----> [V-In (+)] [MPDCD3] [V-Out (+)] ----> [Load/Device] [Battery Source (-)] ----> [V-In (-)] [Unit ] [V-Out (-)] ----> [Ground/Common] [Remote Switch] (Optional) ```
    ✨ Follow-up Questions
    • ⤷ What are the common thermal management techniques used for MPDCD3 converters?
    • ⤷ Can the MPDCD3 be used in parallel to increase current output?
    • ⤷ What is the difference between the isolated and non-isolated versions of this part?