전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MPF2S37-R15-K

  • AI
    The **MPF2S37-R15-K** is a high-precision, high-current power inductor typically used in automotive and industrial power electronics. This component belongs to the category of **Molded Power Inductors**, which are designed for high efficiency and compact footprints. ### 1. Key Technical Specifications Based on the part number nomenclature (specifically the "R15" which denotes inductance), here are the primary technical characteristics: | Parameter | Specification (Typical) | | :--- | :--- | | **Inductance** | 0.15 µH (Microhenries) | | **Tolerance** | ±10% or ±20% (K represents tolerance) | | **Current Rating (Irms)** | High Current (Approx. 20A - 50A depending on size) | | **Saturation Current (Isat)** | High Peak Current (Often > 40A) | | **DCR (DC Resistance)** | Ultra-low (mΩ range) | | **Operating Temperature** | -40°C to +125°C or +150°C | | **Package/Case** | Molded SMD (Surface Mount Device) | --- ### 2. Detailed Breakdown of Features #### A. Molded Construction Unlike traditional wire-wound inductors with open cores, this part uses a **metal alloy powder** molded around the coil. * **Benefits:** Excellent magnetic shielding (low EMI), high saturation current, and resistance to thermal shock and vibration. * **Acoustic Noise:** The solid structure significantly reduces "buzzing" or acoustic noise caused by magnetostriction. #### B. Low DCR (DC Resistance) The "R15" (0.15 µH) value is very low, implying the inductor is built with thick flat-wire copper. This minimizes power loss due to heat, making it ideal for high-efficiency voltage regulators. #### C. Soft Saturation Because it uses metal powder, the inductance does not drop abruptly when the current exceeds the limit (unlike ferrite cores). This provides a safety margin in power supply designs. --- ### 3. Typical Applications This component is generally found in high-frequency DC-DC converters and Point-of-Load (PoL) modules. * **Automotive Systems:** ADAS sensors, infotainment power rails, and LED lighting drivers. * **Computing:** CPU/GPU VRM (Voltage Regulator Modules) for servers and high-end workstations. * **Industrial:** High-efficiency power supplies where space is constrained and heat dissipation is a concern. --- ### 4. Circuit Symbol and Layout In a schematic, this is represented as a standard inductor. In a PCB layout, ensure the following: * **Copper Pours:** Use wide copper traces to handle the high current and help sink heat. * **Placement:** Place as close as possible to the switching IC to minimize the switching loop area. ```text L1 (0.15uH) Vin ----(UUUU)---- Vout | [ C ] (Output Capacitor) | GND ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum saturation current for the MPF2S37 series?
    • ⤷ How does a molded inductor compare to a traditional ferrite core inductor in terms of EMI?
    • ⤷ What are the specific soldering profile requirements for this SMD package?