MPI4040R1-1R5-R
AI

The **MPI4040R1-1R5-R** is a high-performance, power inductor manufactured by **Eaton (formerly Coiltronics)**. It belongs to the MPI (Miniature Power Inductor) series, designed specifically for high-current applications in compact electronic devices.
---
### 1. Key Technical Specifications
| Parameter | Value |
| :--- | :--- |
| **Inductance** | 1.5 µH |
| **Tolerance** | ±20% |
| **DC Resistance (DCR)** | 18 mΩ (Typical) / 21 mΩ (Maximum) |
| **Saturation Current (Isat)** | 9.5 Amperes |
| **RMS Current (Irms)** | 6.8 Amperes |
| **Operating Temperature** | -40°C to +125°C |
| **Package / Case** | 4.7mm x 4.06mm (Height: 1.2mm or 1.5mm) |
---
### 2. Component Composition & Design
The "MPI" series features a unique construction that sets it apart from standard wire-wound inductors:
* **Molded Construction:** It uses a metal flake powder core material. This molded design provides excellent magnetic shielding, reducing Electromagnetic Interference (EMI) with surrounding components.
* **High Power Density:** Because of the composite core, it can handle high transient current spikes without reaching hard saturation (the inductance drops gracefully rather than abruptly).
* **Ruggedness:** The solid molded body offers superior resistance to mechanical shock and vibration.
---
### 3. Part Number Breakdown
Understanding the nomenclature helps in identifying variants:
* **MPI:** Series name (Miniature Power Inductor).
* **4040:** Footprint dimensions (approx. 4.0mm x 4.0mm).
* **R1:** Revision or specific height profile (R1 indicates a low profile).
* **1R5:** Inductance value (1.5 microhenries).
* **-R:** RoHS compliant.
---
### 4. Typical Applications
This component is commonly found in power management stages where space is limited but current requirements are high:
1. **DC-DC Converters:** Used in buck, boost, or SEPIC converters for voltage regulation.
2. **Mobile Devices:** Ideal for smartphones, tablets, and handheld gaming consoles due to its low profile.
3. **Computing:** Voltage Regulator Modules (VRMs) for CPUs and GPUs in laptops.
4. **Distributed Power Systems:** Point-of-Load (POL) modules.
---
### 5. Benefits and Trade-offs
* **Pros:** Very low DCR (minimizes heat loss), high saturation current for its size, and excellent EMI shielding.
* **Cons:** Higher cost compared to unshielded inductors; sensitive to extreme reflow soldering temperatures if not handled per J-STD-020 standards.
- ⤷
What is the difference between Isat and Irms for this inductor?
- ⤷ Are there automotive-grade (AEC-Q200) versions of the MPI series?
- ⤷ How does the core material affect the inductance stability over temperature?