전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MPIA4040R1-R22-R

  • AI
    ## Overview of MPIA4040R1-R22-R The **MPIA4040R1-R22-R** is a high-performance, automotive-grade power inductor manufactured by **Eaton (formerly Bussmann)**. It belongs to the MPIA4040 series, which is characterized by its molded construction and high current handling capabilities in a compact surface-mount package. --- ### 1. Part Number Breakdown Understanding the nomenclature helps identify its specific electronic characteristics: | Code Segment | Meaning | Description | | :--- | :--- | :--- | | **MPIA** | Series Name | Automotive Grade Miniature Power Inductor | | **4040** | Package Size | Approx. 4.7mm x 4.3mm | | **R1** | Revision/Height | Indicates a specific height profile (approx. 1.2mm) | | **R22** | Inductance Value | **0.22 µH** (R denotes decimal point) | | **-R** | RoHS Compliant | Lead-free and environmental standard compliant | --- ### 2. Key Technical Specifications These parameters define how the component performs within a circuit: * **Inductance:** 0.22 µH (Microhenries) * **Tolerance:** Typically ±20% * **DC Resistance (DCR):** Extremely low, typically around **4.3 mΩ** (typical) to **5.2 mΩ** (max). This minimizes power loss through heat. * **Rated Current ($I_{rms}$):** The current that causes a 40°C temperature rise, approximately **13.0A to 15.0A**. * **Saturation Current ($I_{sat}$):** The current at which inductance drops by 30%, approximately **20A**. * **Operating Temperature:** -55°C to +125°C (AEC-Q200 Grade 1 qualified). --- ### 3. Core Technologies & Construction The MPIA4040 series uses advanced materials to achieve its performance: #### Metal Powder Molding Unlike traditional wire-wound inductors with a hollow or ferrite core, this part is made by compressing metal powder around the copper coil. * **Soft Saturation:** The inductance drops gradually as current increases, rather than a sharp "cliff" seen in ferrite cores. * **Magnetic Shielding:** The molded body inherently acts as a shield, reducing Electromagnetic Interference (EMI) with neighboring components. #### Automotive Grade (AEC-Q200) The "A" in MPIA signifies it is tested for harsh environments, making it resistant to: * High mechanical shock and vibration. * Thermal cycling (rapid changes in temperature). * Moisture and chemical exposure. --- ### 4. Typical Applications Because of its high current density and low profile, it is commonly used in: 1. **DC-DC Converters:** Point-of-Load (POL) modules for automotive infotainment. 2. **ECUs (Engine Control Units):** Providing stable power to microprocessors. 3. **LED Lighting:** Drivers for automotive headlamps. 4. **Battery Management Systems (BMS):** Handling high-current filtering in compact spaces. ---
    ✨ Follow-up Questions
    • ⤷ What is the footprint size in millimeters for the MPIA4040 series?
    • ⤷ How does 'soft saturation' benefit a switching power supply design?
    • ⤷ What are the primary differences between the MPIA and the standard MPI series?