전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MPIA4040R2-1R0-R

  • AI
    ## Detailed Analysis of MPIA4040R2-1R0-R The **MPIA4040R2-1R0-R** is a high-performance, automotive-grade power inductor manufactured by **Eaton (formerly Cooper Bussmann)**. It belongs to the MPIA4040 series, known for its rugged construction and high current handling capabilities in a compact footprint. --- ### 1. Part Number Breakdown Understanding the nomenclature helps identify the specific characteristics of the component: | Code Segment | Meaning | Specification | | :--- | :--- | :--- | | **MPIA** | Series Name | Miniature Power Inductor (Automotive Grade) | | **4040** | Package Size | 4.7mm x 4.3mm (nominal) | | **R2** | Revision/Version | Design iteration 2 | | **1R0** | Inductance Value | **1.0 µH** (R denotes decimal) | | **-R** | Compliance | RoHS Compliant | --- ### 2. Key Specifications The following table highlights the electrical and physical properties of the 1.0 µH variant: | Parameter | Value | | :--- | :--- | | **Inductance** | 1.0 µH ± 20% | | **Rated Current ($I_{rms}$)** | ~7.7 Amperes (Typical) | | **Saturation Current ($I_{sat}$)** | ~9.2 Amperes (Typical) | | **DC Resistance (DCR)** | ~11.5 mΩ (Maximum) | | **Operating Temperature** | -40°C to +125°C (Includes self-heating) | | **Shielding** | Magnetically Shielded (Low EMI) | --- ### 3. Construction and Technology * **Material:** It uses a metal flake powder core. This construction provides "soft" saturation characteristics, meaning the inductance drops gradually rather than abruptly when current increases. * **Molded Design:** The coil is encapsulated in a composite material. This makes the part highly resistant to mechanical shock, vibration, and moisture. * **Shielding:** The molded construction naturally provides magnetic shielding, which is critical for preventing Electromagnetic Interference (EMI) in sensitive circuits. --- ### 4. Common Applications Given its **AEC-Q200** qualification (Automotive Grade), it is primarily used in: 1. **Automotive Electronics:** Infotainment systems, Driver Assistance Systems (ADAS), and LED lighting. 2. **DC-DC Converters:** Used as a storage inductor in buck, boost, or buck-boost regulators. 3. **Industrial IoT:** High-density power supplies where space is limited but current demands are high. 4. **Battery Powered Devices:** Due to its low DCR, it helps maximize efficiency and battery life. --- ### 5. Design Considerations * **Self-Heating:** Ensure that the sum of the ambient temperature and the temperature rise due to current ($I_{rms}$) does not exceed 125°C. * **Saturation:** While it has soft saturation, designers should verify the peak current in the circuit does not exceed the $I_{sat}$ rating to avoid significant inductance loss. * **Footprint:** The 4040 size is roughly **4.7 x 4.31 mm** with a height of **2.0 mm**, making it suitable for low-profile PCB designs. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between Irms and Isat for this specific inductor?
    • ⤷ Can this inductor be used in high-frequency switching regulators above 2MHz?
    • ⤷ What are the recommended PCB land pattern dimensions for the MPIA4040 series?