전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MPL-AY3020-R82

  • AI
    The **MPL-AY3020-R82** is a high-performance, shielded power inductor typically manufactured by **Delta Electronics**. It is designed for high-density power applications such as DC-DC converters, voltage regulator modules (VRMs), and automotive electronics. ### 1. Technical Specifications The following table outlines the primary electrical and physical characteristics of the component: | Parameter | Specification | | :--- | :--- | | **Inductance** | 0.82 µH | | **Tolerance** | ±20% | | **DC Resistance (DCR)** | ~11.5 mΩ (Typical) | | **Isat (Saturation Current)** | ~8.0 A to 9.0 A (Approx.) | | **Irms (Rated Current)** | ~7.0 A to 7.5 A (Approx.) | | **Operating Temperature** | -55°C to +125°C | | **Package Size** | 3.0mm x 3.0mm x 2.0mm (3020) | | **Construction** | Metal Alloy Powder (Shielded) | --- ### 2. Key Electronic Features * **Metal Alloy Core:** Unlike traditional ferrite inductors, the MPL series uses a metal alloy powder core. This provides a "soft saturation" characteristic, meaning the inductance drops gradually as current increases rather than dropping off sharply. * **Magnetic Shielding:** The molded construction naturally shields the component, significantly reducing Electromagnetic Interference (EMI) which is critical in compact PCB designs. * **High Efficiency:** With a low DCR (Direct Current Resistance) for its size, it minimizes power loss due to heat, making it suitable for battery-operated devices. * **AEC-Q200 Compliance:** The "AY" in the prefix often denotes automotive-grade reliability, meaning it is tested for high vibration, thermal shock, and moisture resistance. --- ### 3. Application Use-Cases The MPL-AY3020-R82 is commonly found in the following circuits: 1. **Buck Converters:** Stepping down voltage for CPUs, GPUs, or FPGAs. 2. **Smartphones & Tablets:** Used in power management integrated circuits (PMICs) where space is limited. 3. **Automotive Infotainment:** Powering displays and sensors due to its rugged thermal profile. 4. **LED Drivers:** Providing stable current for lighting applications. --- ### 4. PCB Layout Considerations When integrating this part into a design, follow these best practices: * **Keep Traces Short:** Minimize the length of the traces between the inductor and the switching controller to reduce parasitic inductance. * **Thermal Relief:** Ensure the copper pads are connected to internal ground planes (if possible) to help dissipate heat generated during high-current operation. * **Clearance:** Avoid placing sensitive analog signal traces directly under the inductor to prevent noise coupling.
    ✨ Follow-up Questions
    • ⤷ What is the difference between 'Soft Saturation' and 'Hard Saturation' in power inductors?
    • ⤷ How does the DCR of this inductor affect the overall efficiency of a DC-DC converter?
    • ⤷ Can this part be used in high-frequency switching applications above 2MHz?