전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MPP-RJ12-2

  • AI
    The **MPP-RJ12-2** is an electronic component typically categorized as a **Modular Jack (RJ12)** connector designed for PCB (Printed Circuit Board) mounting. It is commonly used in telecommunications, data networking, and low-voltage signaling applications. --- ### 1. Technical Specifications Below are the general technical parameters associated with this type of component: | Feature | Specification | | :--- | :--- | | **Connector Type** | RJ12 (Registered Jack 12) | | **Configuration** | 6P6C (6 Positions, 6 Contacts) | | **Mounting Type** | Through-Hole (PCB Mount) | | **Orientation** | Right Angle (Side Entry) | | **Contact Material** | Phosphor Bronze (Gold over Nickel plating) | | **Housing Material** | Thermoplastic (UL 94V-0 rated) | | **Shielding** | Non-Shielded (usually) | --- ### 2. Key Features The "MPP-RJ12-2" design focus centers on durability and signal integrity for standard telephone or RS-232/RS-485 communication protocols. * **6P6C Interface:** Unlike standard RJ11 (which often uses 6P2C or 6P4C), the RJ12 uses all six available positions and contacts, allowing for more complex wiring schemes. * **Gold Plating:** The contact pins are usually plated with gold (varying from 3μ" to 50μ") to prevent oxidation and ensure a low-resistance connection over time. * **Mechanical Stability:** The "-2" suffix often refers to specific mechanical features, such as **Plastic Pegs** (or board locks) that help secure the connector to the PCB during the soldering process and provide strain relief during plug insertion/removal. --- ### 3. Pinout & Internal Structure The component consists of six internal spring-loaded pins. In a typical application, the wiring follows this logic: ```text Pin 1: White/Green (or reserved) Pin 2: White/Orange Pin 3: Blue Pin 4: White/Blue Pin 5: Orange Pin 6: Green (or reserved) ``` --- ### 4. Applications The MPP-RJ12-2 is versatile and found in several industries: 1. **Telecommunications:** Analog phone lines that require more than two pairs. 2. **Industrial Control:** Used as a physical interface for Modbus or RS-485 serial communication. 3. **Consumer Electronics:** Power supply control or sensor interfaces in modular home systems. 4. **Testing Equipment:** Interface ports for diagnostic tools. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between an RJ11 and the MPP-RJ12-2 in terms of wiring?
    • ⤷ What are the specific soldering temperature requirements for this PCB connector?
    • ⤷ Can the MPP-RJ12-2 be used for high-speed Ethernet applications?