전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MPT715-R56E1

  • AI
    The **MPT715-R56E1** is an integrated inductor module commonly used in high-current power management circuits, such as Voltage Regulator Modules (VRMs) for CPUs and GPUs. It is designed for high-frequency DC-DC converters where efficiency and space-saving are critical. --- ### ## Technical Specifications Below are the typical electrical characteristics for this specific component: | Parameter | Specification (Typical) | | :--- | :--- | | **Inductance Value** | 0.56 µH (indicated by "R56") | | **Current Rating (Isat)** | ~30A to 50A (Saturation Current) | | **DC Resistance (DCR)** | Very Low (typically < 1.0 mΩ) | | **Operating Temperature** | -40°C to +125°C | | **Mounting Type** | Surface Mount (SMD/SMT) | | **Core Material** | Composite Iron Powder / Alloy | --- ### ## Key Electronic Features 1. **High Saturation Current:** The "R56" (0.56 microhenries) value is optimized for high-speed switching. The part is engineered to maintain its inductance even when high levels of current pass through it, preventing the core from saturating and losing efficiency. 2. **Low DCR (DC Resistance):** Because it uses heavy-gauge copper windings, the internal resistance is extremely low. This minimizes power loss as heat, which is vital for modern high-efficiency power supplies. 3. **Shielded Construction:** The component is magnetically shielded. This reduces Electromagnetic Interference (EMI) with neighboring sensitive components on the PCB (like RAM or the CPU). 4. **AEC-Q200 Compliance (Common for this series):** Many parts in the MPT series are rated for automotive or industrial use, meaning they are vibration-resistant and thermally stable. --- ### ## Internal Structure & Workflow In a standard buck converter circuit, the MPT715-R56E1 acts as the **Energy Storage Element**: * **Switching Phase:** When the MOSFET turns on, energy is stored in the magnetic field of the MPT715. * **Discharge Phase:** When the MOSFET turns off, the inductor releases that stored energy to the load, smoothing out the current pulses into a steady DC voltage. --- ### ## Typical Applications * **Motherboards:** VCore power phases for high-end processors. * **Graphics Cards:** Power delivery for GPUs (RTX/RX series). * **Servers:** High-density DC-DC plug-in modules. * **Network Equipment:** High-current routers and switches.
    ✨ Follow-up Questions
    • ⤷What does the 'R56' signify in inductor naming conventions?
    • ⤷ How does low DCR affect the overall efficiency of a VRM?
    • ⤷ Can this inductor be used in high-frequency switching above 1MHz?