전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MPT724-R20H1

  • AI
    ## Technical Overview of the MPT724-R20H1 The **MPT724-R20H1** is a high-performance, high-current molded power inductor, typically utilized in DC-DC converters, voltage regulator modules (VRMs), and power supply units for computing and industrial applications. It is designed to handle significant current loads while maintaining a small physical footprint. --- ### 1. Key Technical Specifications | Parameter | Value (Typical) | | :--- | :--- | | **Inductance** | 0.20 µH | | **Tolerance** | ±20% | | **DC Resistance (DCR)** | ~0.80 mΩ (Max) | | **Saturation Current ($I_{sat}$)** | ~50.0 A | | **Heating Current ($I_{rms}$)** | ~30.0 A | | **Operating Temperature** | -40°C to +125°C | | **Package Dimensions** | ~7.0 x 6.6 x 2.4 mm | --- ### 2. Physical and Material Composition The "MPT" series utilizes a **Molded Powder Core** technology. This construction offers several electronic advantages: * **Shielded Construction:** The composite metal powder core naturally shields the inductor, minimizing Electromagnetic Interference (EMI) with surrounding components. * **Soft Saturation:** Unlike ferrite cores that drop inductance sharply when saturated, the iron powder core has a "soft" saturation curve, providing more stable performance under high-peak currents. * **Low DCR:** It uses heavy-gauge copper wire to minimize resistance, which reduces heat dissipation and increases efficiency. --- ### 3. Electronic Functionality in Circuits In an electronic assembly, the MPT724-R20H1 serves the following primary roles: 1. **Energy Storage:** In Buck or Boost converters, it stores energy in its magnetic field during the switching cycle. 2. **Filtering:** It acts as a low-pass filter to smooth out high-frequency switching noise, providing a stable DC output. 3. **Current Regulation:** Its low inductance (0.20 µH) makes it ideal for high-frequency switching power supplies (typically 500kHz to 2MHz), allowing for fast transient response. ### 4. Typical Applications * **Graphics Cards (GPUs):** High-phase-count VRMs. * **Server Processors:** Point-of-Load (POL) converters. * **Laptops:** High-efficiency power rails. * **DC/DC Converters:** Distributed power systems. --- ### 5. Identification Code Breakdown ```text MPT 724 - R20 H 1 | | | | | | | | | |_ Design/Internal Code | | | |____ High Current Rating | | |________ Inductance Value (R20 = 0.20µH) | |________________ Dimensions (7.0x6.6x2.4mm) |_____________________ Series Name (Molded Power Inductor) ```
    ✨ Follow-up Questions
    • ⤷ What are the benefits of a molded powder core over a standard ferrite core?
    • ⤷ How does the saturation current affect the performance of a DC-DC converter?
    • ⤷ What are the recommended soldering profiles for this specific inductor package?