전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MPT750-R40H1

  • AI
    The **MPT750-R40H1** is a high-efficiency, industrial-grade AC-DC power supply module, commonly utilized in server racks, networking equipment, and high-performance computing systems. It is characterized by its "1U" form factor and redundant capabilities. --- ### ## Technical Specifications The following table highlights the core electronic characteristics of the MPT750-R40H1: | Feature | Specification | | :--- | :--- | | **Total Output Power** | 750 Watts | | **Input Voltage Range** | 90V – 264V AC (Universal Input) | | **Input Frequency** | 47Hz – 63Hz | | **Main Output (+12V)** | Typically up to 60A - 62A | | **Standby Output (+12Vsb)** | 2.5A – 3.0A | | **Efficiency Rating** | 80 PLUS Platinum (or Gold equivalent) | | **Form Factor** | 1U Redundant | --- ### ### Key Electronic Components & Subsystems 1. **Active Power Factor Correction (PFC):** * The unit employs an active PFC circuit to ensure the power factor remains above **0.95** under full load. This reduces harmonic distortion and ensures compliance with international energy standards. 2. **Redundancy Logic (Hot-Swap):** * Equipped with internal **OR-ing MOSFETs** or diodes. This allows the module to be paired with a second unit in a 1+1 configuration. If one module fails, the other takes over the full load instantly without system downtime. 3. **Protection Circuits:** * **OVP (Over Voltage Protection):** Shuts down the unit if output exceeds safe limits. * **OCP (Over Current Protection):** Prevents damage during short circuits or excessive load. * **OTP (Over Temperature Protection):** Thermal sensors trigger a shutdown if internal heat sinks exceed safe operating temperatures. 4. **Cooling and Thermal Management:** * Features a built-in high-speed 40mm fan. The fan speed is controlled by an **intelligent thermal controller** that adjusts RPM based on the current load and ambient temperature to minimize noise. 5. **Digital Communication (PMBus):** * Most versions of the R40H1 series include an **I2C/PMBus interface**. This allows system administrators to monitor real-time data such as voltage, current, temperature, and fan status via software. --- ### ### Pinout and Interface Code The module typically uses a card-edge connector. While specific pinouts can vary by OEM (such as Supermicro or Compuware), the general structure follows the standard industry power distribution: ```markdown Standard Power Distribution: - Pins 1-10: +12V Main Power - Pins 11-20: Return (GND) - Signal Pins: - PS_ON (Remote Toggle) - PW_OK (Power Good Signal) - SDA/SCL (PMBus Communication) - +12Vsb (Standby Voltage) ```
    ✨ Follow-up Questions
    • ⤷ What is the MTBF (Mean Time Between Failures) for the MPT750-R40H1?
    • ⤷ Does this power supply support PMBus 1.2 for remote monitoring?
    • ⤷ Which specific server chassis models are compatible with the R40H1 form factor?