전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MPV310Z2LJ-R

  • AI
    The **MPV310Z2LJ-R** is a specific electronic component, typically categorized as a high-precision, high-stability **Metal Film Resistor** or a specialized **MELF (Metal Electrode Leadless Face)** resistor. These parts are designed for surface-mount applications where reliability and low noise are critical. --- ### 1. Key Technical Specifications Below is a breakdown of the typical characteristics of this part series: | Parameter | Specification (Typical) | |:---|:---| | **Component Type** | MELF Resistor / Metal Film | | **Package / Case** | 0204 or 0207 (Cylindrical SMD) | | **Resistance Tolerance** | ±0.1% to ±1% (High Precision) | | **Temperature Coefficient** | ±15 ppm/°C to ±50 ppm/°C | | **Power Rating** | 0.25W to 0.4W | | **Operating Temperature** | -55°C to +155°C | --- ### 2. Physical Construction The "Z2LJ" suffix often denotes specific packaging and lead-free compliance. The construction typically involves: 1. **Ceramic Core:** A high-grade Alumina ceramic rod provides the structural base. 2. **Resistive Layer:** A thin metal film is deposited onto the core. The resistance value is "trimmed" using a laser to cut a helical groove into the film. 3. **End Caps:** Robust metal caps (usually Sn-plated) are pressed onto the ends to ensure solid electrical contact. 4. **Coating:** A protective lacquer or epoxy layer insulates the body against moisture and mechanical stress. --- ### 3. Advantages of the MPV Series The MELF structure (cylindrical) offers several advantages over standard thick-film chip resistors (rectangular): * **Superior Stability:** Lower drift over time and under load. * **Thermal Management:** The cylindrical shape provides a larger surface area for heat dissipation compared to flat chips of the same footprint. * **Pulse Handling:** Better capability to handle sudden voltage surges without failing. * **Low Noise:** Metal film technology results in extremely low thermal noise, making it ideal for audio and precision measurement circuits. --- ### 4. Common Applications * **Medical Electronics:** Used in diagnostic equipment where precision is vital. * **Industrial Automation:** Sensor interfaces and control systems. * **Telecommunications:** High-frequency base stations and switching equipment. * **Automotive:** ECU (Engine Control Unit) circuitry due to high vibration resistance. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between a MELF resistor and a standard SMD chip resistor?
    • ⤷ How does the 'R' suffix in MPV310Z2LJ-R affect the packaging?
    • ⤷ Can this component be used in high-frequency RF applications?